Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGWT30V60DF Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGWT30V60DF
Description  Low thermal resistance
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWT30V60DF Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGWT30V60DF Datasheet HTML 3Page - STMicroelectronics STGWT30V60DF Datasheet HTML 4Page - STMicroelectronics STGWT30V60DF Datasheet HTML 5Page - STMicroelectronics STGWT30V60DF Datasheet HTML 6Page - STMicroelectronics STGWT30V60DF Datasheet HTML 7Page - STMicroelectronics STGWT30V60DF Datasheet HTML 8Page - STMicroelectronics STGWT30V60DF Datasheet HTML 9Page - STMicroelectronics STGWT30V60DF Datasheet HTML 10Page - STMicroelectronics STGWT30V60DF Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
DocID024361 Rev 4
7/22
STGB30V60DF, STGP30V60DF, STGW30V60DF, STGWT30V60DF
Electrical characteristics
Figure 14. Capacitance variations
Figure 15. Gate charge vs. gate-emitter voltage
Figure 16. Switching losses vs. collector
current
Figure 17. Switching losses vs. gate resistance
Figure 18. Switching losses vs. junction
temperature
Figure 19. Switching losses vs. collector
emitter voltage
C(pF)
10
0.1
VCE(V)
1000
1
10
100
10000
Cies
Coes
Cres
AM17421v1
VGE(V)
0
0
Qg(nC)
50
100
2
150 175
4
6
8
10
12
14
16
25
125
75
AM17422v1
E(μJ)
0
0
IC(A)
400
10
20
200
600
30
40
VCC=400V, VGE=15V
Rg=10Ω, Tj=175°C
800
1000
1200
1400
Eon
Eoff
50
60
1600
1800
2000
AM17423v1
E(μJ)
0
Rg(Ω)
400
10
20
200
600
30
40
VCC=400V, VGE=15V
IC=30A, Tj=175°C
800
1000
1200
Eon
Eoff
AM17424v1
E(μJ)
25
TJ(°C)
200
50
75
100
300
100
125
VCC=400V, VGE=15V
IC=30A, Rg=10Ω
400
500
600
Eon
Eoff
150
0
700
800
AM17425v1
E(μJ)
150
VCE(V)
500
200
250
100
900
300
350
VGE=15V, Tj=175°C
IC=30A, Rg=10Ω
Eon
Eoff
300
700
1100
400
450
AM17426v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com