Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGWT30V60DF Datasheet(PDF) 2 Page - STMicroelectronics

Part # STGWT30V60DF
Description  Low thermal resistance
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWT30V60DF Datasheet(HTML) 2 Page - STMicroelectronics

  STGWT30V60DF Datasheet HTML 1Page - STMicroelectronics STGWT30V60DF Datasheet HTML 2Page - STMicroelectronics STGWT30V60DF Datasheet HTML 3Page - STMicroelectronics STGWT30V60DF Datasheet HTML 4Page - STMicroelectronics STGWT30V60DF Datasheet HTML 5Page - STMicroelectronics STGWT30V60DF Datasheet HTML 6Page - STMicroelectronics STGWT30V60DF Datasheet HTML 7Page - STMicroelectronics STGWT30V60DF Datasheet HTML 8Page - STMicroelectronics STGWT30V60DF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Electrical ratings
STGB30V60DF, STGP30V60DF, STGW30V60DF, STGWT30V60DF
2/22
DocID024361 Rev 4
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
CES
Collector-emitter voltage (V
GE
= 0)
600
V
I
C
Continuous collector current at T
C
= 25 °C
60
A
I
C
Continuous collector current at T
C
= 100 °C
30
A
I
CP
(1)
1.
Pulse width limited by maximum junction temperature.
Pulsed collector current
120
A
V
GE
Gate-emitter voltage
±20
V
I
F
Continuous forward current at T
C
= 25 °C
60
A
I
F
Continuous forward current at T
C
= 100 °C
30
A
I
FP
(1)
Pulsed forward current
120
A
P
TOT
Total dissipation at T
C
= 25 °C
258
W
T
STG
Storage temperature range
- 55 to 150
°C
T
J
Operating junction temperature
- 55 to 175
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
R
thJC
Thermal resistance junction-case IGBT
0.58
°C/W
R
thJC
Thermal resistance junction-case diode
2.08
°C/W
R
thJA
Thermal resistance junction-ambient
50
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com