Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GB30V60DF Datasheet(PDF) 3 Page - STMicroelectronics

Part # GB30V60DF
Description  Low thermal resistance
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GB30V60DF Datasheet(HTML) 3 Page - STMicroelectronics

  GB30V60DF Datasheet HTML 1Page - STMicroelectronics GB30V60DF Datasheet HTML 2Page - STMicroelectronics GB30V60DF Datasheet HTML 3Page - STMicroelectronics GB30V60DF Datasheet HTML 4Page - STMicroelectronics GB30V60DF Datasheet HTML 5Page - STMicroelectronics GB30V60DF Datasheet HTML 6Page - STMicroelectronics GB30V60DF Datasheet HTML 7Page - STMicroelectronics GB30V60DF Datasheet HTML 8Page - STMicroelectronics GB30V60DF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
DocID024361 Rev 4
3/22
STGB30V60DF, STGP30V60DF, STGW30V60DF, STGWT30V60DF
Electrical characteristics
2
Electrical characteristics
T
J
= 25 °C unless otherwise specified.
Table 4. Static characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V
(BR)CES
Collector-emitter
breakdown voltage
(V
GE
= 0)
I
C
= 2 mA
600
V
V
CE(sat)
Collector-emitter saturation
voltage
V
GE
= 15 V, I
C
= 30 A
1.85
2.3
V
V
GE
= 15 V, I
C
= 30 A
T
J
= 125 °C
2.15
V
GE
= 15 V, I
C
= 30 A
T
J
= 175 °C
2.35
V
F
Forward on-voltage
I
F
= 30 A
2
2.6
V
I
F
= 30 A, T
J
= 125 °C
1.7
V
I
F
= 30 A, T
J
= 175 °C
1.6
V
V
GE(th)
Gate threshold voltage
V
CE
= V
GE
, I
C
= 1 mA
5
6
7
V
I
CES
Collector cut-off current
(V
GE
= 0)
V
CE
= 600 V
25
μA
I
GES
Gate-emitter leakage
current (V
CE
= 0)
V
GE
= ± 20 V
250
nA
Table 5. Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
C
ies
Input capacitance
V
CE
= 25 V, f = 1 MHz,
V
GE
= 0
-3750
-
pF
C
oes
Output capacitance
-
120
-
pF
C
res
Reverse transfer
capacitance
-77
-
pF
Q
g
Total gate charge
V
CC
= 480 V, I
C
= 30 A,
V
GE
= 15 V, see
Figure 29
-163
-
nC
Q
ge
Gate-emitter charge
-
28
-
nC
Q
gc
Gate-collector charge
-
72
-
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com