Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GB30V60DF Datasheet(PDF) 5 Page - STMicroelectronics

Part # GB30V60DF
Description  Low thermal resistance
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GB30V60DF Datasheet(HTML) 5 Page - STMicroelectronics

  GB30V60DF Datasheet HTML 1Page - STMicroelectronics GB30V60DF Datasheet HTML 2Page - STMicroelectronics GB30V60DF Datasheet HTML 3Page - STMicroelectronics GB30V60DF Datasheet HTML 4Page - STMicroelectronics GB30V60DF Datasheet HTML 5Page - STMicroelectronics GB30V60DF Datasheet HTML 6Page - STMicroelectronics GB30V60DF Datasheet HTML 7Page - STMicroelectronics GB30V60DF Datasheet HTML 8Page - STMicroelectronics GB30V60DF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
DocID024361 Rev 4
5/22
STGB30V60DF, STGP30V60DF, STGW30V60DF, STGWT30V60DF
Electrical characteristics
2.1
Electrical characteristics (curves)
Figure 2. Power dissipation vs. case
temperature
Figure 3. Collector current vs. case temperature
Figure 4. Output characteristics (TJ=25°C)
Figure 5. Output characteristics (TJ=175°C)
Figure 6. VCE(sat) vs. junction temperature
Figure 7. VCE(sat) vs. collector current
Ptot
150
100
50
0
0
50
100
(W)
25
75
125
200
150 175 TC(°C)
250
AM17409v1
IC
30
20
10
0
0
50
TC(°C)
100
(A)
25
75
125
40
50
150 175
60
AM17410v1
IC
80
60
20
0
0
1
3
(A)
2
4
100
VCE(V)
40
9V
11V
13V
VGE=15V
120
AM17411v1
IC
80
60
20
0
0
1
3
(A)
2
4
100
120
VCE(V)
40
9V
11V
13V
7V
VGE=15V
AM17412v1
VCE(sat)
2.0
1.8
1.4
1.2
-50
0
100
(V)
50
150
2.2
2.4
TC(°C)
1.6
2.6
2.8
VGE=15V
IC=60A
IC=30A
IC=15A
3.0
3.2
AM17413v1
1.6
1.4
1.0
0.8
0
10
30
20
40
1.8
2.0
IC(A)
1.2
2.2
2.4
VGE=15V
Tj=175°C
Tj=25°C
Tj=-40°C
60
50
VCE(sat) (V)
2.6
2.8
3.0
3.2
AM17414v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com