Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT79SR152S Datasheet(PDF) 1 Page - Texas Instruments

Part # PT79SR152S
Description  1.5 Amp Negative Step-Down Integrated Switching Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT79SR152S Datasheet(HTML) 1 Page - Texas Instruments

  PT79SR152S Datasheet HTML 1Page - Texas Instruments PT79SR152S Datasheet HTML 2Page - Texas Instruments PT79SR152S Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
PT79SR100 Series
-1.5 Amp Negative Step-Down
Integrated Switching Regulator
• High Efficiency > 85%
• Self-Contained Inductor
• Short Circuit Protection
• Over-Temperature Protection
The PT79SR100 is a line of
Negative Input/Negative Output
3-terminal Integrated Switching
Regulators (ISRs). These ISRs have a
maximum output current of -1.5 Amps
and an output voltage that is laser
trimmed to most industry standard volt-
ages. They have excellent line and load
regulation, and are ideal for applications,
such as RS232 and Ethernet communica-
tions, ECL logic, and op-amp circuitry.
PT79SR1
COM
COM
-Vin
C1
1
23
C2
D1
-Vout
Pin-Out Information
Pin
Function
1
GND
2-Vin
3-Vout
Ordering Information
PT79SR1
XX
Y
Output Voltage
05
= -5.0 Volts
52
= -5.2 Volts
06
= -6.0 Volts
08
= -8.0 Volts
09
= -9.0 Volts
12
= -12.0 Volts
15
= -15.0 Volts
Package Suffix
V
= Vertical Mount
S
= Surface Mount
H
= Horizontal
Mount
Standard Application
C1 = Optional ceramic (1µF)
C2 = Optional ceramic (1-5µF)
D1 = Zener diode required to clamp
turn-on overshoot
(See Application Note)
Specifications
Characteristics
PT79SR100 SERIES
(T
a = 25°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Over Vin range
-0.1*
—
-1.5
A
Short Circuit Current
Isc
Vin=Vo-4V
—
-3.5
—
Apk
Input Voltage Range
Vin
Io=-0.1 to -1.5 A
Vo=-5V
-9
—
-30
V
-0.1
≥ Io ≥ -1.5 A
Vo=-15V
-19
—
-30
V
Output Voltage Tolerance
∆Vo
Over Vin range, Io=-1.5 A
—
±1.0
±3.0
%Vo
Ta=-20°C to shutdown
Line Regulation
Regline
Over Vin range
—
±1.0
±2.0
%Vo
Load Regulation
Regload
-0.1
≤ Io ≤ -1.5 A
—
±0.5
±1.0
%Vo
Vo Ripple/Noise
Vn
Vin=-15V, Io=-1.0 A,Vo=-5V
—
35
—
mVpp
Transient Response
ttr
50% load change
—
100
—
µSec
Vo=overshoot/undershoot
—
30
—
%Vo
Efficiency
η
Vin=-10V, Io=-1.0A, Vo=-5V
—
85
—
%
Switching Frequency
ƒo
Over Vin and Io ranges0.95
1.0
1.05
MHz
Absolute Maximum
Ta
-40
—
+85
°C
Operating Temperature Range
Recommended Operating
Ta
Free Air Convection, (40-60LFM)
-40
—
+60**
°C
Temperature Range
Over Vin and Io ranges
Thermal Resistance
θja
Free Air Convection, (40-60LFM)
—
45
—
°C/W
Temperature Coefficient
Tc
Over Vin and Io ranges—
±0.5
±1.5
mV/°C
Storage Temperature
Ts
—
-40
—
+125
°C
Mechanical Shock
—
Per Mil-STD-883D, Method 2002.3
—
500
—
G’s
Mechanical Vibration
—
Per Mil-STD-883D, Method 2007.2,
—5
—
G’s
20-2000 Hz, soldered in a PC board
Weight
—
—
—
7.0
—
Grams
* ISR will operate down to no load with reduced specifications.
** See Thermal Derating chart.
Pkg Style 500
SLTS061A
(Revised 6/30/2000)


Similar Part No. - PT79SR152S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT79SR152S TI1-PT79SR152S Datasheet
701Kb / 8P
Self-Contained Inductor
PT79SR152ST TI1-PT79SR152ST Datasheet
701Kb / 8P
Self-Contained Inductor
More results

Similar Description - PT79SR152S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
78SR100 TI-78SR100 Datasheet
214Kb / 3P
1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST100 TI-78ST100 Datasheet
229Kb / 6P
1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT79SR100 TI-PT79SR100 Datasheet
222Kb / 3P
-1.5 AMP NEGATIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78SR153 TI-78SR153 Datasheet
189Kb / 3P
1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT78ST100 TI-PT78ST100 Datasheet
159Kb / 4P
1.5 Amp Positive Step-Down Integrated Switching Regulator
PT78ST100 TI-PT78ST100_07 Datasheet
177Kb / 7P
1.5 Amp Positive Step-Down Integrated Switching Regulator
78SR100 TI-78SR100_07 Datasheet
193Kb / 6P
1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST105 TI1-78ST105 Datasheet
244Kb / 5P
1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT78ST105 TI1-PT78ST105 Datasheet
496Kb / 6P
1.5 Amp Positive Step-Down Integrated Switching Regulator
78SR100 TI1-78SR100_14 Datasheet
232Kb / 5P
1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com