Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT79SR152S Datasheet(PDF) 2 Page - Texas Instruments

Part # PT79SR152S
Description  1.5 Amp Negative Step-Down Integrated Switching Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT79SR152S Datasheet(HTML) 2 Page - Texas Instruments

  PT79SR152S Datasheet HTML 1Page - Texas Instruments PT79SR152S Datasheet HTML 2Page - Texas Instruments PT79SR152S Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
Typical Characteristics
PT79SR105, -5.0 VDC
(See Note 1)
PT79SR112, -12.0 VDC (See Note 1)
PT79SR115, -15.0 VDC (See Note 1)
Efficiency vs Output Current
Efficiency vs Output Current
Efficiency vs Output Current
Ripple vs Output Current
Ripple vs Output Current
Ripple vs Output Current
Power Dissipation vs Output Current
Power Dissipation vs Output Current
Power Dissipation vs Output Current
Note 1:
All data listed in the above graphs, except for derating data, has been developed from actual products tested at 25°C. This data is considered typical data for the ISR.
Note 2:
Thermal derating graphs are developed in free air convection cooling of 40-60 LFM soldered in a printed circuit board. (See Thermal Application Notes.)
Thermal Derating (Ta)
(See Note 2)
Thermal Derating (Ta)
(See Note 2)
Thermal Derating (Ta)
(See Note 2)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Vin-(Volts)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Vin-(Volts)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Vin-(Volts)
40
50
60
70
80
90
100
0
0.25
0.5
0.75
1
1.25
1.5
9V
10.0V
15.0V
20.0V
25.0V
30.0V
Vin
0
10
20
30
40
50
60
0
0.25
0.5
0.75
1
1.25
1.5
30.0V
25.0V
20.0V
15.0V
10.0V
9V
Vin
0
0.5
1
1.5
2
0
0.25
0.5
0.75
1
1.25
1.5
30.0V
25.0V
20.0V
15.0V
10.0V
9V
Vin
40
50
60
70
80
90
100
0
0.25
0.5
0.75
1
1.25
1.5
16.0V
20.0V
25.0V
30.0V
Vin
0
0.5
1
1.5
2
2.5
0
0.25
0.5
0.75
1
1.25
1.5
30.0V
25.0V
20.0V
16.0V
Vin
40
50
60
70
80
90
100
0
0.25
0.5
0.75
1
1.25
1.5
19.0V
21.0V
24.0V
27.0V
30.0V
Vin
0
30
60
90
120
150
0
0.25
0.5
0.75
1
1.25
1.5
30.0V
27.0V
24.0V
21.0V
19.0V
Vin
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
7
9 11 13 15 17 19 21 23 25 27 29 31
60˚C
70˚C
85˚C
50˚C
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
15
17
19
21
23
25
27
29
31
60˚C
70˚C
85˚C
50˚C
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
18
20
22
24
26
28
30
60˚C
70˚C
85˚C
50˚C
0
20
40
60
80
100
0
0.25
0.5
0.75
1
1.25
1.5
30.0V
25.0V
20.0V
16.0V
Vin
0
0.5
1
1.5
2
2.5
0
0.25
0.5
0.75
1
1.25
1.5
30.0V
27.0V
24.0V
21.0V
19.0V
Vin
PT79SR100 Series
-1.5 Amp Negative Step-Down
Integrated Switching Regulator



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com