Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF100N30 Datasheet(PDF) 4 Page - STMicroelectronics

Part # GF100N30
Description  90 A - 330 V - fast IGBT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GF100N30 Datasheet(HTML) 4 Page - STMicroelectronics

  GF100N30 Datasheet HTML 1Page - STMicroelectronics GF100N30 Datasheet HTML 2Page - STMicroelectronics GF100N30 Datasheet HTML 3Page - STMicroelectronics GF100N30 Datasheet HTML 4Page - STMicroelectronics GF100N30 Datasheet HTML 5Page - STMicroelectronics GF100N30 Datasheet HTML 6Page - STMicroelectronics GF100N30 Datasheet HTML 7Page - STMicroelectronics GF100N30 Datasheet HTML 8Page - STMicroelectronics GF100N30 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
STGF100N30, STGP100N30, STGW100N30
4/13
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 4.
Static
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
V(BR)CES
Collector-emitter breakdown
voltage (VGE= 0)
IC= 1 mA
330
V
VCE(sat)
Collector-emitter saturation
voltage
VGE= 15 V, IC= 50 A
VGE= 15 V, IC= 100 A,TC=125 °C
1.9
2.6
2.5
V
V
VGE(th)
Gate threshold voltage
VCE=10 V, IC= 1 mA
3.0
5.5
V
ICES
Collector cut-off current
(VGE=0)
VCE= 330 V
VCE= 330 V, TC = 125 °C
13
200
µA
µA
IGES
Gate-emitter leakage current
(VCE= 0)
VGE= ± 20 V
±1
µA
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
Ries
Cies
Coes
Cres
Input resistance
Input capacitance
Output capacitance
Reverse transfer capacitance
VCE = 25 V, f = 1 MHz,
VGE = 0
2
3550
35
335
Ω
pF
pF
pF
Table 6.
Switching on/off (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
trise
tdoff
tfall
Turn-off voltage rise time
Turn-off delay time
Turn-off current fall time
VGE = 15 V, IC = 25 A,
VCC=180 V
RG= 10 Ω, L= 25 µH,
25
134
57
ns
ns
ns
trise
tdoff
tfall
Turn-off voltage rise time
Turn-off delay time
Turn-off current fall time
VGE = 15 V, IC = 25 A,
VCC=180 V
RG= 10 Ω, L= 25 µH,
TC= 150 °C
60
200
110
ns
ns
ns
E/p
Energy per pulse
VCC=240 V, VGE = 15 V,
RG= 5.1 Ω, L= 250 nH
C=0.40 µF
(see Figure 15)
490
µJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com