Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF100N30 Datasheet(PDF) 5 Page - STMicroelectronics

Part # GF100N30
Description  90 A - 330 V - fast IGBT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GF100N30 Datasheet(HTML) 5 Page - STMicroelectronics

  GF100N30 Datasheet HTML 1Page - STMicroelectronics GF100N30 Datasheet HTML 2Page - STMicroelectronics GF100N30 Datasheet HTML 3Page - STMicroelectronics GF100N30 Datasheet HTML 4Page - STMicroelectronics GF100N30 Datasheet HTML 5Page - STMicroelectronics GF100N30 Datasheet HTML 6Page - STMicroelectronics GF100N30 Datasheet HTML 7Page - STMicroelectronics GF100N30 Datasheet HTML 8Page - STMicroelectronics GF100N30 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STGF100N30, STGP100N30, STGW100N30
Electrical characteristics
5/13
2.1
Electrical characteristics (curves)
Figure 2.
Output characteristics
Figure 3.
Transfer characteristics
Figure 4.
Transconductance
Figure 5.
Collector-emitter on voltage vs.
temperature
Figure 6.
Gate charge vs. gate-source
voltage
Figure 7.
Capacitance variations
7V
8V
9V
10V
11V
12V
VGE=15V
IC
150
100
50
0
0
10
VCE(V)
(A)
5
15
200
250
AM03220v1
IC
150
100
50
0
4
6
VGE(V)
8
(A)
5
7
9
200
250
10
11
VCE=15V
AM03221v1
GFS
16
14
12
10
10
14
IC(A)
(S)
12
16
18
18
TJ=-50°C
TJ=25°C
TJ=125°C
AM03222v1
VCE(sat)
2.5
2.0
1.5
1.0
-50
50
TJ(°C)
(V)
0
100
3.0
3.5
IC=180A
IC=100A
IC=50A
IC=25A
AM03228v1
VGE
8
4
0
0
Qg(nC)
(V)
12
30
60
VCE=200V
IC=50A
90
16
AM03223v1
C
3000
2000
1000
0
0
20
VCE(V)
(pF)
10
4000
40
Cies
30
Coes
Cres
f=1MHz
VGE=0
AM03224v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com