Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGW40V60DF Datasheet(PDF) 9 Page - STMicroelectronics

Part # STGW40V60DF
Description  Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW40V60DF Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STGW40V60DF Datasheet HTML 5Page - STMicroelectronics STGW40V60DF Datasheet HTML 6Page - STMicroelectronics STGW40V60DF Datasheet HTML 7Page - STMicroelectronics STGW40V60DF Datasheet HTML 8Page - STMicroelectronics STGW40V60DF Datasheet HTML 9Page - STMicroelectronics STGW40V60DF Datasheet HTML 10Page - STMicroelectronics STGW40V60DF Datasheet HTML 11Page - STMicroelectronics STGW40V60DF Datasheet HTML 12Page - STMicroelectronics STGW40V60DF Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
DocID024402 Rev 8
9/21
STGFW40V60DF, STGW40V60DF, STGWT40V60DF
Electrical characteristics
Figure 20. Switching losses vs. collector
current
Figure 21. Switching losses vs. gate resistance
Figure 22. Switching losses vs. junction
temperature
Figure 23. Switching losses vs. collector
emitter voltage
Figure 24. Switching times vs. collector current
Figure 25. Switching times vs. gate resistance
E(μJ)
0
0
IC(A)
800
20
40
400
1200
60
80
VCC=400V, VGE=15V
Rg=10Ω, Tj=175°C
1600
2000
2400
2800
Eon
Eoff
AM17399v1
E(μJ)
0
Rg(Ω)
700
10
20
300
1100
30
40
VCC=400V, VGE=15V
IC=40A, Tj=175°C
1500
1900
2300
Eon
Eoff
AM17400v1
E(μJ)
25
TJ(°C)
500
50
75
300
700
100
125
VCC=400V, VGE=15V
IC=40A, Rg=10Ω
900
1100
1300
Eon
Eoff
150
AM17401v1
E(μJ)
150
VCE(V)
600
200
250
200
1000
300
350
VGE=15V, Tj=175°C
IC=40A, Rg=10Ω
Eon
Eoff
400
800
1200
400
450
1400
1600
AM17402v1
t(ns)
0
IC(A)
20
40
10
60
80
VCC=400V,
Tj=175°C,
VGE=15V
Rg=10Ω
tdoff
tdon
100
tr
tf
AM17403v1
t(ns)
0
Rg(Ω)
10
20
10
30
40
VCC=400V
Tj=175°C
VGE=15V
IC=40A
tdoff
tdon
100
tr
tf
1000
AM17404v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com