Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGW40V60DF Datasheet(PDF) 20 Page - STMicroelectronics

Part # STGW40V60DF
Description  Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW40V60DF Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STGW40V60DF Datasheet HTML 13Page - STMicroelectronics STGW40V60DF Datasheet HTML 14Page - STMicroelectronics STGW40V60DF Datasheet HTML 15Page - STMicroelectronics STGW40V60DF Datasheet HTML 16Page - STMicroelectronics STGW40V60DF Datasheet HTML 17Page - STMicroelectronics STGW40V60DF Datasheet HTML 18Page - STMicroelectronics STGW40V60DF Datasheet HTML 19Page - STMicroelectronics STGW40V60DF Datasheet HTML 20Page - STMicroelectronics STGW40V60DF Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Revision history
STGFW40V60DF, STGW40V60DF, STGWT40V60DF
20/21
DocID024402 Rev 8
5
Revision history
Table 11. Document revision history
Date
Revision
Changes
20-Mar-2013
1
Initial release.
17-Apr-2013
2
Document status promoted from preliminary data to production data.
Added: Section 2.1: Electrical characteristics (curves)
04-Jun-2013
3
Added minimum and maximum values for VGE(th) in Table 4: Static
characteristics.
11-Sep-2013
4
Updated VF value in Table 4: Static characteristics.
08-Oct-2013
5
Updated title, features and description in cover page.
10-Jan-2014
6
Updated Figure 8: VCE(sat) vs. junction temperature, Figure 15: Diode
VF vs. forward current and Figure 16: Normalized VGE(th) vs junction
temperature.
03-Mar-2014
7
Updated test conditions in Table 7: Diode switching characteristics
(inductive load).
23-Apr-2014
8
Added new device in TO-3PF.
Updated Table 1: Device summary, Table 2: Absolute maximum
ratings Table 3: Thermal data and Section 4: Package mechanical
data.
Added Figure 4: Power dissipation vs. case temperature for TO-3PF,
Figure 5: Collector current vs. case temperature for TO-3PF,
Figure 11: Collector current vs. switching frequency for TO-3PF and
Figure 12: Forward bias safe operating area for TO-247 and TO-3P.
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com