Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGWT40V60DF Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGWT40V60DF
Description  Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWT40V60DF Datasheet(HTML) 3 Page - STMicroelectronics

  STGWT40V60DF Datasheet HTML 1Page - STMicroelectronics STGWT40V60DF Datasheet HTML 2Page - STMicroelectronics STGWT40V60DF Datasheet HTML 3Page - STMicroelectronics STGWT40V60DF Datasheet HTML 4Page - STMicroelectronics STGWT40V60DF Datasheet HTML 5Page - STMicroelectronics STGWT40V60DF Datasheet HTML 6Page - STMicroelectronics STGWT40V60DF Datasheet HTML 7Page - STMicroelectronics STGWT40V60DF Datasheet HTML 8Page - STMicroelectronics STGWT40V60DF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
DocID024402 Rev 8
3/21
STGFW40V60DF, STGW40V60DF, STGWT40V60DF
Electrical ratings
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-247
TO-3P
TO-3PF
VCES
Collector-emitter voltage (VGE = 0)
600
V
IC
Continuous collector current at TC = 25 °C
80
A
IC
Continuous collector current at TC = 100 °C
40
A
ICP
(1)
1.
Pulse width limited by maximum junction temperature
Pulsed collector current
160
A
VGE
Gate-emitter voltage
±20
V
IF
Continuous forward current at TC = 25 °C
80
A
IF
Continuous forward current at TC = 100 °C
40
A
IFP
(1)
Pulsed forward current
160
A
PTOT
Total dissipation at TC = 25 °C
283
62.5
W
VISO
Insulation withstand voltage (RMS) from all three
leads to external heat sink (t = 1 s; Tc = 25 °C)
3.5
kV
TSTG
Storage temperature range
- 55 to 150
°C
TJ
Operating junction temperature
- 55 to 175
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
TO-247
TO-3P
TO-3PF
RthJC
Thermal resistance junction-case IGBT
0.53
2.4
°C/W
RthJC
Thermal resistance junction-case diode
1.14
°C/W
RthJA
Thermal resistance junction-ambient
50
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com