Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGWT40V60DF Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGWT40V60DF
Description  Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWT40V60DF Datasheet(HTML) 5 Page - STMicroelectronics

  STGWT40V60DF Datasheet HTML 1Page - STMicroelectronics STGWT40V60DF Datasheet HTML 2Page - STMicroelectronics STGWT40V60DF Datasheet HTML 3Page - STMicroelectronics STGWT40V60DF Datasheet HTML 4Page - STMicroelectronics STGWT40V60DF Datasheet HTML 5Page - STMicroelectronics STGWT40V60DF Datasheet HTML 6Page - STMicroelectronics STGWT40V60DF Datasheet HTML 7Page - STMicroelectronics STGWT40V60DF Datasheet HTML 8Page - STMicroelectronics STGWT40V60DF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
DocID024402 Rev 8
5/21
STGFW40V60DF, STGW40V60DF, STGWT40V60DF
Electrical characteristics
Table 6. IGBT switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VCE = 400 V, IC = 40 A,
RG = 10 Ω, VGE = 15 V,
see Figure 33
-52
-
ns
tr
Current rise time
-
17
-
ns
(di/dt)on
Turn-on current slope
-
1850
-
A/µs
td(off)
Turn-off delay time
-
208
-
ns
tf
Current fall time
-
20
-
ns
Eon
(1)
1.
Energy losses include reverse recovery of the diode.
Turn-on switching losses
-
456
-
µJ
Eoff
(2)
2.
Turn-off losses include also the tail of the collector current.
Turn-off switching losses
-
411
-
µJ
Ets
Total switching losses
-
867
-
µJ
td(on)
Turn-on delay time
VCE = 400 V, IC = 40 A,
RG = 10 Ω, VGE = 15 V,
TJ = 175 °C, see Figure 33
-52
-
ns
tr
Current rise time
-
21
-
ns
(di/dt)on
Turn-on current slope
-
1538
-
A/µs
td(off)
Turn-off delay time
-
220
-
ns
tf
Current fall time
-
21
-
ns
Eon
(1)
Turn-on switching losses
-
1330
-
µJ
Eoff
(2)
Turn-off switching losses
-
560
-
µJ
Ets
Total switching losses
-
1890
-
µJ
Table 7. Diode switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery time
IF = 40 A, VR = 400 V,
VGE = 15 V, di/dt=1000 A/µs
see Figure 33
-41
-
ns
Qrr
Reverse recovery charge
-
440
-
nC
Irrm
Reverse recovery current
-
21.6
-
A
dIrr/ /dt
Peak rate of fall of reverse
recovery current during tb
-1363
-
A/µs
Err
Reverse recovery energy
-
151
-
µJ
trr
Reverse recovery time
IF = 40 A, VR = 400 V,
VGE = 15 V, di/dt=1000 A/µs
TJ = 175 °C, see Figure 33
-
109
-
ns
Qrr
Reverse recovery charge
-
2400
-
nC
Irrm
Reverse recovery current
-
44.4
-
A
dIrr/ /dt
Peak rate of fall of reverse
recovery current during tb
-
670
-
A/µs
Err
Reverse recovery energy
-
718
-
µJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com