Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP30M65DF2 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STGP30M65DF2
Description  Low thermal resistance
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP30M65DF2 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STGP30M65DF2 Datasheet HTML 4Page - STMicroelectronics STGP30M65DF2 Datasheet HTML 5Page - STMicroelectronics STGP30M65DF2 Datasheet HTML 6Page - STMicroelectronics STGP30M65DF2 Datasheet HTML 7Page - STMicroelectronics STGP30M65DF2 Datasheet HTML 8Page - STMicroelectronics STGP30M65DF2 Datasheet HTML 9Page - STMicroelectronics STGP30M65DF2 Datasheet HTML 10Page - STMicroelectronics STGP30M65DF2 Datasheet HTML 11Page - STMicroelectronics STGP30M65DF2 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Electrical characteristics
STGP30M65DF2
8/16
DocID027355 Rev 3
Figure 14: Capacitance variations
Figure 15: Gate charge vs. gate-emitter voltage
Figure 16: Switching energy vs. collector current
Figure 17: Switching energy vs. gate resistance
Figure 18: Switching energy vs. temperature
Figure 19: Switching energy vs. collector emitter
voltage
C
10
VCE(V)
(pF)
0.1
1
10
Cies
100
1000
Coes
Cres
100
f= 1MHz
GIPD100420151249FSR
VGE
8
0
Qg(nC)
(V)
0
20
IC= 30A
IG= 1mA
VCC= 520V
4
40
12
60
16
80
GIPD100420151257FSR
E
0
IC(A)
(mJ)
0
10
20
1
30
40
2
Eon
3
VCC = 400V, VGE = 15V,
RG
= 10Ω, TJ = 175°C
50
Eoff
60
4
Etot
GIPD100420151322FSR
E
0
RG
(Ω)
(mJ)
0
20
40
1
2
3
60
80
4
Eoff
VCC = 400 V, VGE = 15 V,
IC = 30 A, TJ = 175 °C
Eon
Etot
100
GIPD100420151328FSR
E
0
TJ(°C)
(mJ)
0
50
0.5
1
1.5
100
150
Eoff
VCC= 400V, VGE= 15V,
RG
= 10Ω, IC= 30A
Eon
2
Etot
GIPD100420151336FSR
E
0
VCE(V)
(mJ)
150
0.5
1
1.5
Eoff
TJ= 175°C, VGE= 15V,
RG
= 10Ω, IC= 30A
2
2.5
250
350
450
Etot
Eon
GIPD100420151340FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com