Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP30M65DF2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGP30M65DF2
Description  Low thermal resistance
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP30M65DF2 Datasheet(HTML) 1 Page - STMicroelectronics

  STGP30M65DF2 Datasheet HTML 1Page - STMicroelectronics STGP30M65DF2 Datasheet HTML 2Page - STMicroelectronics STGP30M65DF2 Datasheet HTML 3Page - STMicroelectronics STGP30M65DF2 Datasheet HTML 4Page - STMicroelectronics STGP30M65DF2 Datasheet HTML 5Page - STMicroelectronics STGP30M65DF2 Datasheet HTML 6Page - STMicroelectronics STGP30M65DF2 Datasheet HTML 7Page - STMicroelectronics STGP30M65DF2 Datasheet HTML 8Page - STMicroelectronics STGP30M65DF2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
April 2017
DocID027355 Rev 3
1/16
This is information on a product in full production.
www.st.com
STGP30M65DF2
Trench gate field-stop IGBT, M series 650 V, 30 A
low-loss in a TO-220 package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
6 µs of minimum short-circuit withstand time
VCE(sat) = 1.55 V (typ.) @ IC = 30 A
Tight parameters distribution
Safer paralleling
Low thermal resistance
Soft and very fast recovery antiparallel diode
Applications
Motor control
UPS
PFC
Description
This device is an IGBT developed using an
advanced proprietary trench gate field-stop
structure. The device is part of the M series of
IGBTs, which represent an optimum compromise
in performance to maximize the efficiency of
inverter systems where low-loss and short-circuit
capability are essential. Furthermore, a positive
VCE(sat) temperature coefficient and tight
parameter distribution result in safer paralleling
operation.
Table 1: Device summary
Order code
Marking
Package
Packaging
STGP30M65DF2
G30M65DF2
TO-220
Tube
1
2
3
TO-220
TAB


Similar Part No. - STGP30M65DF2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STGP30M65DF2 ISC-STGP30M65DF2 Datasheet
372Kb / 4P
Trench gate Field-Stop IGBT
2023-10-09
More results

Similar Description - STGP30M65DF2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFI734GPBF IRF-IRFI734GPBF Datasheet
282Kb / 8P
Low Thermal Resistance
logo
List of Unclassifed Man...
PC99 ETC2-PC99 Datasheet
664Kb / 1P
Low thermal resistance
logo
Integrated Technology F...
TCS050T ITF-TCS050T Datasheet
106Kb / 1P
Low thermal resistance
TCS080T ITF-TCS080T Datasheet
106Kb / 1P
Low thermal resistance
logo
M/A-COM Technology Solu...
MA4P504-1072 MA-COM-MA4P504-1072 Datasheet
677Kb / 5P
Low Thermal Resistance
logo
Sangdest Microelectroni...
ST3060DJF SMC-ST3060DJF Datasheet
131Kb / 4P
Low thermal resistance
logo
Ohmite Mfg. Co.
RES-TEH70 OHMITE-RES-TEH70 Datasheet
331Kb / 2P
Low thermal resistance
logo
STMicroelectronics
STGB30M65DF2 STMICROELECTRONICS-STGB30M65DF2 Datasheet
881Kb / 18P
Low thermal resistance
11-Apr-2017
STGB30V60F STMICROELECTRONICS-STGB30V60F Datasheet
1Mb / 19P
Low thermal resistance
08-Apr-2014
STGW80H65FB STMICROELECTRONICS-STGW80H65FB Datasheet
1Mb / 18P
Low thermal resistance
13-Jun-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com