Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGWT20H60DF Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGWT20H60DF
Description  600 V, 20 A high speed trench gate field-stop IGBT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWT20H60DF Datasheet(HTML) 1 Page - STMicroelectronics

  STGWT20H60DF Datasheet HTML 1Page - STMicroelectronics STGWT20H60DF Datasheet HTML 2Page - STMicroelectronics STGWT20H60DF Datasheet HTML 3Page - STMicroelectronics STGWT20H60DF Datasheet HTML 4Page - STMicroelectronics STGWT20H60DF Datasheet HTML 5Page - STMicroelectronics STGWT20H60DF Datasheet HTML 6Page - STMicroelectronics STGWT20H60DF Datasheet HTML 7Page - STMicroelectronics STGWT20H60DF Datasheet HTML 8Page - STMicroelectronics STGWT20H60DF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
This is information on a product in full production.
June 2013
DocID024745 Rev 1
1/17
17
STGW20H60DF,
STGWT20H60DF
600 V, 20 A
high speed
trench gate field-stop IGBT
Datasheet - production data
Figure 1. Internal schematic diagram
Features
• High speed switching
• Tight parameters distribution
• Safe paralleling
• Low thermal resistance
• Short-circuit rated
• Ultrafast soft recovery antiparallel diode
Applications
• Motor control
• UPS, PFC
Description
This device is an IGBT developed using an
advanced proprietary trench gate and field stop
structure. This IGBT series offers the optimum
compromise between conduction and switching
losses, maximizing the efficiency of very high
frequency converters. Furthermore, a positive
V
CE(sat)
temperature coefficient and very tight
parameter distribution result in easier paralleling
operation.
TO-247
TO-3P
1
2
3
1
2
3
TAB
C (2, TAB)
E (3)
G (1)
Table 1. Device summary
Order codes
Marking
Packages
Packaging
STGW20H60DF
GW20H60DF
TO-247
Tube
STGWT20H60DF
GWT20H60DF
TO-3P
Tube
www.st.com


Similar Part No. - STGWT20H60DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGWT20H65FB STMICROELECTRONICS-STGWT20H65FB Datasheet
1Mb / 20P
Trench gate field-stop IGBT, HB series 650 V, 20 A high speed
28-Aug-2014
More results

Similar Description - STGWT20H60DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB20H60DF STMICROELECTRONICS-STGB20H60DF Datasheet
1Mb / 22P
600 V, 20 A high speed trench gate field-stop IGBT
03-Jun-2013
logo
List of Unclassifed Man...
STGP20V60DF ETC2-STGP20V60DF Datasheet
2Mb / 23P
600 V, 20 A very high speed trench gate field-stop IGBT
logo
STMicroelectronics
STGB5H60DF STMICROELECTRONICS-STGB5H60DF Datasheet
872Kb / 30P
Trench gate field-stop IGBT, H series 600 V, 5 A high speed
18-May-2015
STGB7H60DF STMICROELECTRONICS-STGB7H60DF Datasheet
985Kb / 25P
Trench gate field-stop IGBT, H series 600 V, 7 A high speed
05-Jun-2015
STGB20V60F STMICROELECTRONICS-STGB20V60F Datasheet
1Mb / 18P
600 V, 20 A very high speed trench gate field-stop IGBT
July 2013 Rev 1
STGB30H60DF STMICROELECTRONICS-STGB30H60DF Datasheet
1Mb / 24P
600 V, 30 A high speed trench gate field-stop IGBT
20-Mar-2013
STGFW20V60DF STMICROELECTRONICS-STGFW20V60DF Datasheet
709Kb / 15P
Trench gate field-stop IGBT, V series 600 V, 20 A very high speed
14-Feb-2017
STGFW20V60F STMICROELECTRONICS-STGFW20V60F Datasheet
1Mb / 19P
600 V, 20 A very high speed trench gate field-stop IGBT
11-Jul-2013
STGW60H60DLFB STMICROELECTRONICS-STGW60H60DLFB Datasheet
1Mb / 17P
Trench gate field-stop IGBT, HB series 600 V, 60 A high speed
24-Feb-2014
STGWT15H60F STMICROELECTRONICS-STGWT15H60F Datasheet
845Kb / 15P
Trench gate field-stop IGBT, H series 600 V, 15 A high speed
10-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com