Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGWT28IH125DF Datasheet(PDF) 9 Page - STMicroelectronics

Part # STGWT28IH125DF
Description  1250 V, 30 A IH series trench gate field-stop IGBT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWT28IH125DF Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STGWT28IH125DF Datasheet HTML 5Page - STMicroelectronics STGWT28IH125DF Datasheet HTML 6Page - STMicroelectronics STGWT28IH125DF Datasheet HTML 7Page - STMicroelectronics STGWT28IH125DF Datasheet HTML 8Page - STMicroelectronics STGWT28IH125DF Datasheet HTML 9Page - STMicroelectronics STGWT28IH125DF Datasheet HTML 10Page - STMicroelectronics STGWT28IH125DF Datasheet HTML 11Page - STMicroelectronics STGWT28IH125DF Datasheet HTML 12Page - STMicroelectronics STGWT28IH125DF Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
DocID025268 Rev 2
9/17
STGW28IH125DF, STGWT28IH125DF
Electrical characteristics
Figure 20. Switching times vs. gate resistance
t
RG(Ω)
(ns)
010
20
10
30
tf
TJ= 175°C, VGE= 15V,
IC= 25A, VCC= 600V
40
100
tdoff
GIPG300120141353FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com