Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGWT28IH125DF Datasheet(PDF) 11 Page - STMicroelectronics

Part # STGWT28IH125DF
Description  1250 V, 30 A IH series trench gate field-stop IGBT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWT28IH125DF Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STGWT28IH125DF Datasheet HTML 7Page - STMicroelectronics STGWT28IH125DF Datasheet HTML 8Page - STMicroelectronics STGWT28IH125DF Datasheet HTML 9Page - STMicroelectronics STGWT28IH125DF Datasheet HTML 10Page - STMicroelectronics STGWT28IH125DF Datasheet HTML 11Page - STMicroelectronics STGWT28IH125DF Datasheet HTML 12Page - STMicroelectronics STGWT28IH125DF Datasheet HTML 13Page - STMicroelectronics STGWT28IH125DF Datasheet HTML 14Page - STMicroelectronics STGWT28IH125DF Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
DocID025268 Rev 2
11/17
STGW28IH125DF, STGWT28IH125DF
Test circuits
3
Test circuits
Figure 23. Test circuit for inductive load
switching
Figure 24. Test circuit for capacitive load
switching
Figure 25. Gate charge test circuit
Figure 26. Switching waveform
AM01504v1
AM17096v2
Csnub
AM01505v1
AM01506v1
90%
10%
90%
10%
VG
VCE
IC
Td(on)
Ton
Tr(Ion)
Td(off)
Toff
Tf
Tr(Voff)
Tcross
90%
10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com