Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGW60V60F Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGW60V60F
Description  Low thermal resistance
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW60V60F Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGW60V60F Datasheet HTML 3Page - STMicroelectronics STGW60V60F Datasheet HTML 4Page - STMicroelectronics STGW60V60F Datasheet HTML 5Page - STMicroelectronics STGW60V60F Datasheet HTML 6Page - STMicroelectronics STGW60V60F Datasheet HTML 7Page - STMicroelectronics STGW60V60F Datasheet HTML 8Page - STMicroelectronics STGW60V60F Datasheet HTML 9Page - STMicroelectronics STGW60V60F Datasheet HTML 10Page - STMicroelectronics STGW60V60F Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DocID024701 Rev 2
7/14
STGW60V60F
Electrical characteristics
Figure 8. Collector current vs. switching
frequency
Figure 9. Forward bias safe operating area for
TO-247
Figure 10. Normalized VGE(th) vs. junction
temperature
Figure 11. Normalized BVCES vs. junction
temperature
AM17145v1
0
10
20
30
40
50
60
70
80
90
100
110
110
Ic [A]
f [kHz]
rectangular current shape,
(duty cycle=0.5, V
CC = 400V, RG=4.7Ω,
V
GE = 0/15 V, TJ =175°C)
Tc=80°C
Tc=100 °C
AM17146v1
0.01
0.1
1
10
100
110
100
IC (A)
VCE (V)
(single pulse T
C =25 °C,
T
J <=175 °C; VGE =15 V)
1 μs
100 μs
1 ms
VCE= VGE
IC= 1mA
AM17149v1
0.6
0.7
0.8
0.9
1.0
1.1
-50 -25
0
25
50
75 100 125 150 175
VGE(th)
norm
(V)
TJ(ºC)
AM17150v1
0.9
1.0
1.1
-50 -25
0
255075 100 125 150 175
BVces
norm
(V)
TJ(ºC)
IC= 2 mA
Figure 12. Capacitance variations
Figure 13. Gate charge vs. gate-emitter voltage
AM17151v1
10
100
1000
10000
0.1
1
10
C (pF)
VCE (V)
C res
C oes
C ies
f= 1MHz, V
GE =0
AM17152v1
0
2
4
6
8
10
12
14
16
0100
200
300
VGE (V)
Qg (nC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com