Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGW60V60F Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGW60V60F
Description  Low thermal resistance
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW60V60F Datasheet(HTML) 5 Page - STMicroelectronics

  STGW60V60F Datasheet HTML 1Page - STMicroelectronics STGW60V60F Datasheet HTML 2Page - STMicroelectronics STGW60V60F Datasheet HTML 3Page - STMicroelectronics STGW60V60F Datasheet HTML 4Page - STMicroelectronics STGW60V60F Datasheet HTML 5Page - STMicroelectronics STGW60V60F Datasheet HTML 6Page - STMicroelectronics STGW60V60F Datasheet HTML 7Page - STMicroelectronics STGW60V60F Datasheet HTML 8Page - STMicroelectronics STGW60V60F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DocID024701 Rev 2
5/14
STGW60V60F
Electrical characteristics
Table 6. IGBT switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
t
d(on)
(1)
Turn-on delay time
V
CE
= 400 V, I
C
= 60 A,
R
G
= 4.7
Ω, V
GE
= 15 V
,
see
Figure 22
-60-
ns
t
r
(1)
Current rise time
-
20
-
ns
(di/dt)
on
(1)
Turn-on current slope
-
2365
-
A/μs
t
d(off)
Turn-off delay time
-
208
-
ns
t
f
Current fall time
-
14
-
ns
E
on
(1)
1.
Switching-on times and energy have been calculated applying the STGW60V60DF's co-pack diode in the
high side of the test circuit in Figure 22. Both IGBT and diode are at the same temperature. Energy losses
include reverse recovery of the diode.
Turn-on switching losses
-
0.75
-
mJ
E
off
(2)
2.
Turn-off losses include also the tail of the collector current.
Turn-off switching losses
-
0.55
-
mJ
E
ts
Total switching losses
-
1.3
-
mJ
t
d(on)
(1)
Turn-on delay time
V
CE
= 400 V, I
C
= 60 A
,
R
G
= 4.7
Ω, V
GE
= 15 V,
T
J
= 175 °C, see
Figure 22
-57-
ns
t
r
(1)
Current rise time
-
23
-
ns
(di/dt)
on
(1)
Turn-on current slope
-
2191
-
A/μs
t
d(off)
Turn-off delay time
-
216
-
ns
t
f
Current fall time
-
27
-
ns
E
on
(1)
Turn-on switching losses
-
1.5
-
mJ
E
off
(2)
Turn-off switching losses
-
0.8
-
mJ
E
ts
Total switching losses
-
2.3
-
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com