Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGWA40H65DFB Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGWA40H65DFB
Description  High speed switching series
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA40H65DFB Datasheet(HTML) 4 Page - STMicroelectronics

  STGWA40H65DFB Datasheet HTML 1Page - STMicroelectronics STGWA40H65DFB Datasheet HTML 2Page - STMicroelectronics STGWA40H65DFB Datasheet HTML 3Page - STMicroelectronics STGWA40H65DFB Datasheet HTML 4Page - STMicroelectronics STGWA40H65DFB Datasheet HTML 5Page - STMicroelectronics STGWA40H65DFB Datasheet HTML 6Page - STMicroelectronics STGWA40H65DFB Datasheet HTML 7Page - STMicroelectronics STGWA40H65DFB Datasheet HTML 8Page - STMicroelectronics STGWA40H65DFB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Electrical characteristics
STGWA40H65DFB
4/17
DocID029398 Rev 1
2
Electrical characteristics
TC = 25 °C unless otherwise specified
Table 4: Static characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)CES
Collector-emitter breakdown
voltage
VGE = 0 V, IC = 2 mA
650
V
VCE(sat)
Collector-emitter saturation
voltage
VGE = 15 V, IC = 40 A
1.6
2
V
VGE = 15 V, IC = 40 A,
TJ = 125 °C
1.7
VGE = 15 V, IC = 40 A,
TJ = 175 °C
1.8
VF
Forward on-voltage
IF = 40 A
1.7
2.45
V
IF = 40 A, TJ = 125 °C
1.4
IF = 40 A, TJ = 175 °C
1.3
VGE(th)
Gate threshold voltage
VCE = VGE, IC = 1 mA
5
6
7
V
ICES
Collector cut-off current
VGE = 0 V, VCE = 650 V
25
µA
IGES
Gate-emitter leakage current
VCE = 0 V, VGE = ±20 V
±250
nA
Table 5: Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Cies
Input capacitance
VCE= 25 V, f = 1 MHz, VGE = 0 V
-
5412
-
pF
Coes
Output
capacitance
-
198
-
Cres
Reverse transfer
capacitance
-
107
-
Qg
Total gate charge
VCC = 520 V, IC = 40 A, VGE = 15 V
(see Figure 29: " Gate charge test
circuit")
-
210
-
nC
Qge
Gate-emitter
charge
-
39
-
Qgc
Gate-collector
charge
-
82
-
Table 6: IGBT switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay
time
VCE = 400 V, IC = 40 A, VGE = 15 V,
RG = 5
Ω (see Figure 28: " Test circuit for
inductive load switching" )
40
-
ns
tr
Current rise
time
13
-
(di/dt)on
Turn-on
current slope
2413
-
A/µs
td(off)
Turn-off-delay
time
142
-
ns
tf
Current fall
time
27
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com