Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1150-RTY1 Datasheet(PDF) 37 Page - Texas Instruments

Part # CC1150-RTY1
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1150-RTY1 Datasheet(HTML) 37 Page - Texas Instruments

Back Button CC1150-RTY1 Datasheet HTML 33Page - Texas Instruments CC1150-RTY1 Datasheet HTML 34Page - Texas Instruments CC1150-RTY1 Datasheet HTML 35Page - Texas Instruments CC1150-RTY1 Datasheet HTML 36Page - Texas Instruments CC1150-RTY1 Datasheet HTML 37Page - Texas Instruments CC1150-RTY1 Datasheet HTML 38Page - Texas Instruments CC1150-RTY1 Datasheet HTML 39Page - Texas Instruments CC1150-RTY1 Datasheet HTML 40Page - Texas Instruments CC1150-RTY1 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 67 page
background image
CC1150
www.ti.com
SWRS037B – JANUARY 2006 – REVISED MARCH 2015
2. Fast frequency hopping without calibration for each hop can be done by calibrating each frequency at
startup and saving the resulting FSCAL3, FSCAL2 and FSCAL1 register values in MCU memory. The
VCO capacitance calibration FSCAL1 register value must be found for each RF frequency to be used.
The VCO current calibration value and the charge pump current calibration value available in FSCAL2
and FSCAL3 respectively are not dependent on the RF frequency, so the same value can therefore be
used for all RF frequencies for these two registers. Between each frequency hop, the calibration
process can then be replaced by writing the FSCAL3, FSCAL2 and FSCAL1 register values that
corresponds to the next RF frequency. The PLL turn on time is approximately 90 µs. The blanking
interval between each frequency hop is then approximately 90 µs.
3. Run calibration on a single frequency at startup. Next write 0 to FSCAL3[5:4] to disable the charge
pump calibration. After writing to FSCAL3[5:4], strobe STX with MCSM0.FS_AUTOCAL=1 for each
new frequency hop. That is, VCO current and VCO capacitance calibration is done, but not charge
pump current calibration. When charge pump current calibration is disabled the calibration time is
reduced from approximately 720 µs to approximately 150 µs. The blanking interval between each
frequency hop is then approximately 240 µs.
There is a trade off between blanking time and memory space needed for storing calibration data in non-
volatile memory. Solution (2) above gives the shortest blanking interval, but requires more memory space
to store calibration values. This solution also requires that the supply voltage and temperature do not vary
much in order to have a robust solution. Solution (3) gives approximately 570 µs smaller blanking interval
than solution (1).
The recommended settings for TEST0.VCO_SEL_CAL_EN change with frequency. This means that one
should always use SmartRF Studio [11] to get the correct settings for a specific frequency before doing a
calibration, regardless of which calibration method is being used. It must be noted that the content of the
CC1150 is not retained in SLEEP state, and thus it is necessary to write to the TEST0 register, along with
other registers, when returning from the SLEEP state and initiating calibrations.
5.19.3 Wideband Modulation Not Using Spread Spectrum
Digital modulation systems under FFC part 15.247 include FSK and GFSK modulation. A maximum peak
output power of 1W (+30 dBm) is allowed if the 6 dB bandwidth of the modulated signal exceeds 500 kHz.
In addition, the peak power spectral density conducted to the antenna shall not be greater than +8 dBm in
any 3 kHz band.
Operating at high data rates and frequency deviation the CC1150 is suited for systems targeting
compliance with digital modulation system as defined by FFC part 15.247. An external power amplifier is
needed to increase the output above +10 dBm. Please refer to DN006 [5] for further details concerning
wideband modulation and CC1150.
5.19.4 Data Burst Transmissions
The high maximum data rate of CC1150 opens up for burst transmissions. A low average data rate link
(for example, 10 kBaud), can be realized using a higher over-the-air data rate. Buffering the data and
transmitting in bursts at high data rate (for example, 500 kBaud) will reduce the time in active mode, and
hence also reduce the average current consumption significantly. Reducing the time in active mode will
reduce the likelihood of collisions with other systems in the same frequency range.
5.19.5 Continuous Transmissions
In data streaming applications the CC1150 opens up for continuous transmissions at 500 kBaud effective
data rate. As the modulation is done with a closed loop PLL, there is no limitation in the length of a
transmission (open loop modulation used in some transceivers often prevents this kind of continuous data
streaming and reduces the effective data rate).
Copyright © 2006–2015, Texas Instruments Incorporated
Detailed Description
37
Submit Documentation Feedback
Product Folder Links: CC1150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com