Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1150-RTY1 Datasheet(PDF) 50 Page - Texas Instruments

Part # CC1150-RTY1
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1150-RTY1 Datasheet(HTML) 50 Page - Texas Instruments

Back Button CC1150-RTY1 Datasheet HTML 46Page - Texas Instruments CC1150-RTY1 Datasheet HTML 47Page - Texas Instruments CC1150-RTY1 Datasheet HTML 48Page - Texas Instruments CC1150-RTY1 Datasheet HTML 49Page - Texas Instruments CC1150-RTY1 Datasheet HTML 50Page - Texas Instruments CC1150-RTY1 Datasheet HTML 51Page - Texas Instruments CC1150-RTY1 Datasheet HTML 52Page - Texas Instruments CC1150-RTY1 Datasheet HTML 53Page - Texas Instruments CC1150-RTY1 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 67 page
background image
CC1150
SWRS037B – JANUARY 2006 – REVISED MARCH 2015
www.ti.com
Table 5-46. 0x35 (0xF5): MARCSTATE – Main Radio Control State Machine State
BIT
FIELD
TYPE
RESET
DESCRIPTION
7:5
Reserved
R0
4:0
MARC_STATE[4:0]
R
Main Radio Control FSM State(1)
The bit enumerations show the value, the state name, and
the state(2).
0x00 = SLEEP : SLEEP
0x01 = IDLE : IDLE
0x02 = XOFF : XOFF
0x03 = VCOON_MC : MANCAL
0x04 = REGON_MC : MANCAL
0x05 = MANCAL : MANCAL
0x06 = VCOON : FS_WAKEUP
0x07 = REGON : FS_WAKEUP
0x08 = STARTCAL : CALIBRATE
0x09 = BWBOOST : SETTLING
0x0A = FS_LOCK : SETTLING
0x0B = N/A : N/A
0x0C = ENDCAL : CALIBRATE
0x0D = N/A : N/A
0x0E = N/A : N/A
0x0F = N/A : N/A
0x10 = N/A : N/A
0x11 = N/A : N/A
0x12 = FSTXON : FSTXON
0x13 = TX : TX
0x14 = TX_END : TX
0x15 = N/A : N/A
0x16 = TX_UNDERFLOW : TX_UNDERFLOW
(1)
It is not possible to read back the SLEEP or XOFF state numbers because setting CSn low will make the chip enter the IDLE mode from
the SLEEP or XOFF states.
(2)
State (see Figure 5-11).
Table 5-47. 0x38 (0xF8): PKTSTATUS – Current GDOx Status
BIT
FIELD
TYPE
RESET
DESCRIPTION
7:2
Reserved
R0
Defined on the transceiver version (CC1101).
1
R0
Not Used.
0
GDO0
R
Current GDO0 value. Note: the reading gives the
non-inverted value irrespective what
IOCFG0.GDO0_INV is programmed to.
It is not recommended to check for PLL lock by
reading PKTSTATUS[0] with GDO0_CFG = 0x0A.
Table 5-48. 0x39 (0xF9): VCO_VC_DAC – Current Setting from PLL Calibration Module
BIT
FIELD
TYPE
RESET
DESCRIPTION
7:0
VCO_VC_DAC[7:0]
R
Status registers for test only.
Table 5-49. 0x3A (0xFA): TXBYTES – Underflow and Number of Bytes
BIT
FIELD
TYPE
RESET
DESCRIPTION
7
TXFIFO_UNDERFLOW
R
6:0
NUM_TXBYTES
R
Number of bytes in TX FIFO.
50
Detailed Description
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com