Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCASH4AG160R8MATWA Datasheet(PDF) 2 Page - AVX Corporation

Part # VCASH4AG160R8MATWA
Description  Automotive Sub pF AG Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VCASH4AG160R8MATWA Datasheet(HTML) 2 Page - AVX Corporation

  VCASH4AG160R8MATWA Datasheet HTML 1Page - AVX Corporation VCASH4AG160R8MATWA Datasheet HTML 2Page - AVX Corporation VCASH4AG160R8MATWA Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
57
Automotive Sub pF AG Series
AVX Ultra-low Capacitance Automotive Varistor for
ESD Protection for Automotive Circuits Sensitive to Capacitance
S21 Transmission Characteristics -SPV
V/I Curve - SPV
t
t
T
L
W
Size (EIA)
0402
Length (L)
1.00 ±0.10 (0.040 ± 0.004)
Width (W)
0.50 ±0.10 (0.020 ±0.004)
Max Thickness (T)
0.35 (0.014)
Terminal (t)
0.25±0.15 (0.010±0.006)
mm (inches)
5
0
-5
-10
-15
-20
10
100
1000
10000
100000
Frequency (MHz)
160
140
120
100
80
60
40
20
Current (A)
1.E-08
1.E-07
1.E-06
1.E-05
1.E-04
1.E-03
DIMENSIONS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com