Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCASH4AG160R8MATWA Datasheet(PDF) 1 Page - AVX Corporation

Part # VCASH4AG160R8MATWA
Description  Automotive Sub pF AG Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VCASH4AG160R8MATWA Datasheet(HTML) 1 Page - AVX Corporation

  VCASH4AG160R8MATWA Datasheet HTML 1Page - AVX Corporation VCASH4AG160R8MATWA Datasheet HTML 2Page - AVX Corporation VCASH4AG160R8MATWA Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
56
GENERAL DESCRIPTION
AVX offers ultra-low capacitance ESD protection in the Sub
1pF range for use in automotive circuits that are sensitive to
capacitance. The Automotive Sub pF Varistor (ASPV) is avail-
able in 0.8pF capacitance value in a compact 0402 low profile
package. ASPV devices provide excellent response time to
ESD strikes to protect sensitive circuits from over voltage.
The development of new information processing technologies
call for ever increasing digital system speeds. Higher speeds
necessitate the use of ultra-low capacitance values in order to
minimize signal distortion.
HOW TO ORDER
VC
Varistor
Chip
AS
Automotive
Series
H4
Chip Size
Low Profile
0402
AG
Varistor
Series
AG Series
Ultra-low
Capacitance
16
Working
Voltage
16 = 16V
0R8
Capacitance
0R8 = 0.8pF
M
Tolerance
M = ±20%
A
N/A
T
Termination
T = Ni Barrier/
100% Sn
W
Reel
Size
W = 7"
A
Reel
Quantity
A = 10k
Automotive Sub pF AG Series
AVX Ultra-low Capacitance Automotive Varistor for
ESD Protection for Automotive Circuits Sensitive to Capacitance
APPLICATIONS
• Antennas, RF circuits
• Optics
• HDMI, Firewire, Thunderbolt
• High speed communication bus
• GPS
• Camera link
• Sensors
• Touch screen interfaces
• Circuits sensitive to capacitance
FEATURES
• High Reliability
• Capacitance <1pF
• Bi-Directional protection
• Fastest response time to ESD strikes
• Multi-strike capability
• Low insertion loss
• Low profile 0402 case size
• AEC-Q 200 Qualified
ANTENNAGUARD CATALOG PART NUMBERS/ELECTRICAL VALUES
AVX Part Number
VW (DC)
VB
IL
Cap
Cap Tolerance 3db Freq (MHz)
Case Size
VCASH4AG160R8MA
≤16
125
1
0.8
±20%
5800
LP 0402
V
W (DC)
DC Working Voltage (V)
V
B
Typical Breakdown Voltage (V @ 1mA
DC)
I
L
Typical leakage current at the working voltage
Cap
Typical capacitance (pF) @ frequency specified and 0.5V
RMS
Freq
Frequency at which capacitance is measured (M = 1MHz)
LEAD-FREE COMPATIBLE
COMPONENT
GENERAL
CHARACTERISTICS
• Operating Temperature:
-55°C to +125°C
• Working Voltage: 16Vdc
• Case Size: 0402 low profile
• Capacitance < 1pF


Similar Part No. - VCASH4AG160R8MATWA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VCASH4AG160R8MA AVX-VCASH4AG160R8MA Datasheet
211Kb / 3P
Automotive Sub pF AG Series
VCASH4AG160R8MA AVX-VCASH4AG160R8MA Datasheet
316Kb / 3P
Multilayer Varistors Sample Kit – Automotive Applications
More results

Similar Description - VCASH4AG160R8MATWA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VCASH4AG160R8MA AVX-VCASH4AG160R8MA Datasheet
211Kb / 3P
Automotive Sub pF AG Series
logo
PHOENIX CONTACT
1663297 PHOENIX-1663297 Datasheet
99Kb / 4P
CK4,0-ED-4,00BU AG
1663378 PHOENIX-1663378 Datasheet
98Kb / 4P
CK1,6-ED-1,50ST AG
1663420 PHOENIX-1663420 Datasheet
100Kb / 4P
CK1,6-ED-1,00BU AG
1663433 PHOENIX-1663433 Datasheet
100Kb / 4P
CK1,6-ED-1,50BU AG
1663666 PHOENIX-1663666 Datasheet
104Kb / 4P
CK2,5-ED-1,00BU AG
1663705 PHOENIX-1663705 Datasheet
104Kb / 4P
CK2,5-ED-4,00BU AG
1884089 PHOENIX-1884089 Datasheet
89Kb / 4P
CK1,6-ER-1,50ST AG
1884092 PHOENIX-1884092 Datasheet
91Kb / 4P
CK1,6-ER-0,50ST AG
1884128 PHOENIX-1884128 Datasheet
92Kb / 4P
CK1,6-ER-0,50BU AG
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com