Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA2012 Datasheet(PDF) 12 Page - Toshiba Semiconductor

Part # TA2012
Description  3V AM / FM IF MPX (For Digital Tuning System)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2012 Datasheet(HTML) 12 Page - Toshiba Semiconductor

Back Button TA2012 Datasheet HTML 8Page - Toshiba Semiconductor TA2012 Datasheet HTML 9Page - Toshiba Semiconductor TA2012 Datasheet HTML 10Page - Toshiba Semiconductor TA2012 Datasheet HTML 11Page - Toshiba Semiconductor TA2012 Datasheet HTML 12Page - Toshiba Semiconductor TA2012 Datasheet HTML 13Page - Toshiba Semiconductor TA2012 Datasheet HTML 14Page - Toshiba Semiconductor TA2012 Datasheet HTML 15Page - Toshiba Semiconductor TA2012 Datasheet HTML 16Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
TA8132AN / AF , TA2012N / F
2002-10-30
12
Characteristic
Symbol
Test
Cir
-
cuit
Test Condition
Min.
Typ.
Max.
Unit
Gain
GV
1
Vin = 26dBµV EMF
28
57
85
Recovered output
voltage
VOD
1
Vin = 60dBµV EMF
50
75
100
mVrms
Signal to noise
ratio
S / N
1
Vin = 60dBµV EMF
―
41
―
dB
Total harmonic
distortion
THD
1
Vin = 60dBµV EMF
―
1.0
―
%
LED on sensitivity
VL
1
IL = 1mA
21
26
31
dBµV
EMF
1
fOSC = 1.45MHz
350
500
―
Local OSC buff.
output voltage
VOSC (AM)
2
fOSC = 27MHz
―
500
―
mVp-p
IF count output
voltage
VIF (AM)
1
Vin = 39dBµV EMF, SW3→ON
350
500
―
mVp-p
SW1→0, SW2→GND,
SW3→ON
―
49
―
SW1→510Ω, SW2→GND,
SW3→ON
―
42
―
SW1→0, SW2→,VCC,
SW3→on
―
49
―
AM
IF count output
sensitivity
IFsens. (AM)
1
SW1→510Ω, SW2→,VCC,
SW3→ON
―
42
―
dBµV
EMF
FM mode
―
0.6
―
Pin(19) output resistance
R19
1
AM mode
―
12
―
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com