Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA2012 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TA2012
Description  3V AM / FM IF MPX (For Digital Tuning System)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2012 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TA2012 Datasheet HTML 1Page - Toshiba Semiconductor TA2012 Datasheet HTML 2Page - Toshiba Semiconductor TA2012 Datasheet HTML 3Page - Toshiba Semiconductor TA2012 Datasheet HTML 4Page - Toshiba Semiconductor TA2012 Datasheet HTML 5Page - Toshiba Semiconductor TA2012 Datasheet HTML 6Page - Toshiba Semiconductor TA2012 Datasheet HTML 7Page - Toshiba Semiconductor TA2012 Datasheet HTML 8Page - Toshiba Semiconductor TA2012 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
TA8132AN / AF , TA2012N / F
2002-10-30
4
DC Voltage (V)
(at no Signal)
Pin
No.
Item
Internal Circuit
AM
FM
7
AGC
0.25
0.35
8
IF OUT SW
―
―
9
IF OUT
3.0
3.0
10
TUN LED (tuning LED)
―
―
11
ST LED (stereo LED)
―
―
12
GND
―
0
0
13
14
R
-OUT
L
-OUT
1.0
1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com