Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6491 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6491
Description  Power supply unit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6491 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6491 Datasheet HTML 16Page - STMicroelectronics L6491 Datasheet HTML 17Page - STMicroelectronics L6491 Datasheet HTML 18Page - STMicroelectronics L6491 Datasheet HTML 19Page - STMicroelectronics L6491 Datasheet HTML 20Page - STMicroelectronics L6491 Datasheet HTML 21Page - STMicroelectronics L6491 Datasheet HTML 22Page - STMicroelectronics L6491 Datasheet HTML 23Page - STMicroelectronics L6491 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
DocID024832 Rev 1
21/24
L6491
Package information
24
Figure 10. SO-14 package outline
Table 10. SO-14 package mechanical data
Symbol
Dimensions (mm)
Min.
Typ.
Max.
A
1.35
1.75
A1
0.10
0.25
A2
1.10
1.65
B
0.33
0.51
C
0.19
0.25
D
8.55
8.75
E
3.80
4.00
e
1.27
H
5.80
6.20
h
0.25
0.50
L
0.40
1.27
k
0
8
ddd
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com