Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6491 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6491
Description  Power supply unit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6491 Datasheet(HTML) 4 Page - STMicroelectronics

  L6491 Datasheet HTML 1Page - STMicroelectronics L6491 Datasheet HTML 2Page - STMicroelectronics L6491 Datasheet HTML 3Page - STMicroelectronics L6491 Datasheet HTML 4Page - STMicroelectronics L6491 Datasheet HTML 5Page - STMicroelectronics L6491 Datasheet HTML 6Page - STMicroelectronics L6491 Datasheet HTML 7Page - STMicroelectronics L6491 Datasheet HTML 8Page - STMicroelectronics L6491 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Pin connection
L6491
4/24
DocID024832 Rev 1
2
Pin connection
Figure 2. Pin connection (top view)
Table 2. Pin description
Pin
number
Pin name
Type
Function
1
LIN
I
Low-side driver logic input (active low)
2
SD/OD(1)
I/O
Shutdown logic input (active low)/open-drain
comparator output
3
HIN
I
High-side driver logic input (active high)
4
VCC
P
Lower section supply voltage
5
DT
I
Deadtime setting
6
SGND
P
Signal ground
7
PGND
P
Power ground
8
LVG(1)
1. The circuit guarantees less than 1 V on the LVG and HVG pins (at Isink = 10 mA), with VCC > 3 V. This
allows omitting the “bleeder” resistor connected between the gate and the source of the external MOSFET
normally used to hold the pin low.
When the SD is set low, gate driver outputs are forced low and assure low impedance.
O
Low-side driver output
9
CP-
I
Comparator negative input
10
CP+
I
Comparator positive input
11
NC
Not connected
12
OUT
P
High-side (floating) common voltage
13
HVG(1)
O
High-side driver output
14
BOOT
P
Bootstrapped supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com