Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC02BJR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STBC02BJR
Description  Li-Ion linear battery charger with LDO, load switches and reset generator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC02BJR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STBC02BJR Datasheet HTML 9Page - STMicroelectronics STBC02BJR Datasheet HTML 10Page - STMicroelectronics STBC02BJR Datasheet HTML 11Page - STMicroelectronics STBC02BJR Datasheet HTML 12Page - STMicroelectronics STBC02BJR Datasheet HTML 13Page - STMicroelectronics STBC02BJR Datasheet HTML 14Page - STMicroelectronics STBC02BJR Datasheet HTML 15Page - STMicroelectronics STBC02BJR Datasheet HTML 16Page - STMicroelectronics STBC02BJR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
STBC02
Electrical characteristics
DocID029261 Rev 2
13/39
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
RUP
CEN pull-up resistor
375
500
625
VLDO
LDO output voltage
ILDO=1 mA
-3
VLDO(2)
+3
%
ΔVOUT-LOAD
LDO static load
regulation
ILDO=1 mA to 150 mA
±0.002
±0.003
%/mA
ISC
LDO short-circuit
current
RLOAD
=0 Ω
250
350
mA
tON
LDO turn-on time
0 to 95% VLDO,
IOUT=150 mA
210
µs
IBATOCP
Battery discharge
overcurrent protection
VIN<VUVLO (powered from
BAT), it can be set by 4
SWIRE steps
900
mA
IINLIM
Input current limitation
VSYS> VILIMSCTH; VUVLO<VIN
< VINOVP (powered from IN)
1.7
A
VILIMSCTH
SYS voltage threshold
for input current
limitation short-circuit
detection
VUVLO<VIN<VINOVP
2
V
VSCSYS
SYS short-circuit
protection threshold
VIN<VUVLO or VIN>VINOVP
(powered from BAT)
VBAT-0.8
V
INTCB
NTC pin bias current
VNTC=0.25 V
45
50
55
µA
VHOT
Thermal hot threshold
Increasing NTC
temperature
0.234
0.246
0.258
V
VCOLD
Thermal cold threshold
Decreasing NTC
temperature
1.28
1.355
1.43
V
THYST
Hot/cold temperature
thresholds hysteresis
10 kΩ NTC, ß=3370
3
°C
TSD
Thermal shutdown die
temperature
155
°C
TWRN
Thermal warning die
temperature
135
°C
tPW-VIN
Minimum input voltage
connection time to exit
from shutdown mode
VBAT=3.5 V, RNTC
=10 kΩ
240
ms
tOCD
Overcharge detection
delay
VBAT> VOCHG,
VUVLO<VIN<VINOVP
1.2
s
tODD
over-discharge
detection delay
VBAT<VODC and VIN<VUVLO
or VIN> VINOVP
60
ms
tDOD
Discharge overcurrent
detection delay
IBAT> IBATOCP, VIN<VUVLO or
VIN> VINOVP
10
ms
tPFD
Pre-charge to fast
charge transition
deglitch time
Rising
100
ms
tFPD
Fast charge to pre-
charge fault deglitch
time
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com