Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC02BJR Datasheet(PDF) 14 Page - STMicroelectronics

Part # STBC02BJR
Description  Li-Ion linear battery charger with LDO, load switches and reset generator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC02BJR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STBC02BJR Datasheet HTML 10Page - STMicroelectronics STBC02BJR Datasheet HTML 11Page - STMicroelectronics STBC02BJR Datasheet HTML 12Page - STMicroelectronics STBC02BJR Datasheet HTML 13Page - STMicroelectronics STBC02BJR Datasheet HTML 14Page - STMicroelectronics STBC02BJR Datasheet HTML 15Page - STMicroelectronics STBC02BJR Datasheet HTML 16Page - STMicroelectronics STBC02BJR Datasheet HTML 17Page - STMicroelectronics STBC02BJR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
Electrical characteristics
STBC02
14/39
DocID029261 Rev 2
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tEND
End-of-charge deglitch
time
100
ms
tPRE
Pre-charge timeout
VBAT=2 V, charging
1800
s
tFAST
Fast charge timeout
14000
18000
22000
s
tCRDD
Charger restart deglitch
time
After end-of-charge,
VBAT<3.9 V restart enabled
1200
ms
VREC
Charger restart
threshold
After end-of-charge, restart
enabled
3.9
V
tNTCD
Battery temperature
transition deglitch time
100
ms
tPW
CEN valid input pulse
width
15
ms
tPW-WA
WAKE-UP valid input
pulse width
1200
ms
tDbus-ires
Internal RESET deglitch
time
From VBUS (VIN) detection
to internal RST_PENDING
signal
150
ms
tDRST_P
Internal RST_P delay
time
From RST_PENDING
rising to RST pending GND
4000
ms
t_nRESETP(3)
nRESET pulse duration
VIN mode
25
μs
Battery mode
50
Notes:
(1)) If the internal thermal temperature of the STBC02 reaches TWRN, then the programmed IFAST is halved until the internal
temperature drops below TWRN - 10 °C typically. A warning is signaled via the CHG output.
(2)Typical voltage depends on the selected order code.
(3)Details can be found inside smart reset section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com