Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC02AJR Datasheet(PDF) 22 Page - STMicroelectronics

Part # STBC02AJR
Description  Li-Ion linear battery charger with LDO, load switches and reset generator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC02AJR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STBC02AJR Datasheet HTML 18Page - STMicroelectronics STBC02AJR Datasheet HTML 19Page - STMicroelectronics STBC02AJR Datasheet HTML 20Page - STMicroelectronics STBC02AJR Datasheet HTML 21Page - STMicroelectronics STBC02AJR Datasheet HTML 22Page - STMicroelectronics STBC02AJR Datasheet HTML 23Page - STMicroelectronics STBC02AJR Datasheet HTML 24Page - STMicroelectronics STBC02AJR Datasheet HTML 25Page - STMicroelectronics STBC02AJR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
Functional pin description
STBC02
22/39
DocID029261 Rev 2
6.12
CEN
Internal CC/CV charger block enable pin. A low logic level on this pin disables the internal
CC/CV charger block. Transitioning CEN from high to low and then back to high, allows the
CC/CV charger block to be restarted if it was stopped due to one of the following
conditions:
Charging timeout (pre-charge, fast charge)
Battery voltage below VPRE after the fast charge has already started
End-of-charge
CEN has no effect if the charging cycle has been stopped by a battery overcharge
condition.
If the CC/CV charger stops the charging cycle due to an out of range battery temperature,
a low logic level on the CEN pin disables the CC/CV charger and resets the charging
timeout timers. If CEN is set high, the CC/CV charger restarts normal operations, assuming
that no fault condition is detected. CEN is interna
lly pulled up to LDO via a 500 kΩ resistor
and must be either left floating or tied to LDO when the STBC02 is powered for the first
time. Should the auto-recharge function be enabled, the CC/CV charger restarts
automatically charging the battery if VBAT goes below 3.9 V; a deglitch time delay has been
added to prevent unwanted charging cycle restarts.
6.13
RESET_NOW (RESET_CLEAR), nRESET, RST_PENDING
The device features reset/watchdog circuits meant to be used in conjunction with the
external application processor or with other embedded devices; it provides a reset signal or
a watchdog expiration information. The reset signal and the watchdog timer expiration have
no impact on the STBC02 operations.
6.13.1
Smart reset section control pins
The smart reset circuit is active only when a valid VIN is present (VUVLO < VIN < VINOVP). The
STBC02 features a 150 ms deglitch time, starting from the valid VIN detection, and it is
meant to avoid false triggering due to signal bounces. After VIN is considered to be valid
and the deglitch time has expired, the RST_PENDING signal goes to a high logic level. An
nRESET signal is generated automatically after a 4000 ms delay, starting from the end of
the deglitch time, or anytime earlier if a RESET_NOW signal is applied. This is a sole event
and no other nRESET signal is generated as long as VIN is disconnected and reconnected
again. The RST_PENDING signal remains at a high logic level until when one of the two
prior conditions is met. For more details refer to the following timing diagram.
Figure 19: Smart reset timing diagram
The nRESET pull-up resistor must be connected to LDO pin or to a higher voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com