Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC02AJR Datasheet(PDF) 29 Page - STMicroelectronics

Part # STBC02AJR
Description  Li-Ion linear battery charger with LDO, load switches and reset generator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC02AJR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STBC02AJR Datasheet HTML 25Page - STMicroelectronics STBC02AJR Datasheet HTML 26Page - STMicroelectronics STBC02AJR Datasheet HTML 27Page - STMicroelectronics STBC02AJR Datasheet HTML 28Page - STMicroelectronics STBC02AJR Datasheet HTML 29Page - STMicroelectronics STBC02AJR Datasheet HTML 30Page - STMicroelectronics STBC02AJR Datasheet HTML 31Page - STMicroelectronics STBC02AJR Datasheet HTML 32Page - STMicroelectronics STBC02AJR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
STBC02
Operation description
DocID029261 Rev 2
29/39
By contrast, as soon as the battery voltage reaches the VPRE threshold, the constant-
current fast charge phase starts operating, and the relevant charging current increases to
the IFAST level.
Likewise, if the constant current fast charge phase is not completed within tFAST, meaning
that VBAT< VFLOAT, the charging process is stopped and a fault is signaled (CHG starts
toggling at 10.2 Hz as long as a valid VIN is present).
Should the battery voltage decrease below VPRE during the fast charge phase, the charging
process is halted and a fault is signaled. The constant-current fast charge phase lasts until
the battery voltage is lower than VFLOAT. After that, the charging algorithm switches to a
constant-voltage (CV) mode.
During the CV mode, the battery voltage is regulated to VFLOAT and the charging current
starts decreasing over time. As soon as it goes below IEND, the charging process is
considered to be completed (EOC, end-of-charge ) and the relevant status is signaled via a
4.1 Hz toggling signal on the CHG pin, again as long as a there is a valid input source
applied (VUVLO < VIN < VINOVP).
Both IPRE and the IFAST values can be programmed from 1 mA to 450 mA via an external
resistor, as described in the ISET pin description.
For any IFAST programmed value above 20 mA, the IEND value can be set either 5% or 2.5%
of the IFAST level.
For any IFAST programmed value below 20 mA, the relevant IEND value is set as per the
following table:
Table 10: IFAST and IEND
IFAST
IEND
20 mA
1.7 mA
10 mA
1.1 mA
5 mA
0.65 mA
2 mA
0.4 mA
1 mA
0.2 mA
The battery temperature is monitored throughout the charging cycle for safety reasons.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com