Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGW80H65DFB Datasheet(PDF) 18 Page - STMicroelectronics

Part # STGW80H65DFB
Description  Trench gate field-stop IGBT, HB series 650 V, 80 A high speed
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW80H65DFB Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STGW80H65DFB Datasheet HTML 14Page - STMicroelectronics STGW80H65DFB Datasheet HTML 15Page - STMicroelectronics STGW80H65DFB Datasheet HTML 16Page - STMicroelectronics STGW80H65DFB Datasheet HTML 17Page - STMicroelectronics STGW80H65DFB Datasheet HTML 18Page - STMicroelectronics STGW80H65DFB Datasheet HTML 19Page - STMicroelectronics STGW80H65DFB Datasheet HTML 20Page - STMicroelectronics STGW80H65DFB Datasheet HTML 21Page - STMicroelectronics STGW80H65DFB Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Package information
STGY80H65DFB, STGW80H65DFB, STGWA80H65DFB, STGWT80H65DFB
18/22
DocID024366 Rev 6
Table 10. TO-247 long leads package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.905.005.10
A1
2.31
2.41
2.51
A2
1.90
2.00
2.10
b1.16
1.26
b2
3.25
b3
2.25
c0.59
0.66
D
20.90
21.00
21.10
E
15.70
15.80
15.90
E2
4.90
5.00
5.10
E3
2.40
2.50
2.60
e
5.345.445.54
L
19.80
19.92
20.10
L1
4.30
P
3.503.603.70
Q5.60
6.00
S
6.056.156.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com