Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGW80H65DFB Datasheet(PDF) 21 Page - STMicroelectronics

Part # STGW80H65DFB
Description  Trench gate field-stop IGBT, HB series 650 V, 80 A high speed
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW80H65DFB Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STGW80H65DFB Datasheet HTML 14Page - STMicroelectronics STGW80H65DFB Datasheet HTML 15Page - STMicroelectronics STGW80H65DFB Datasheet HTML 16Page - STMicroelectronics STGW80H65DFB Datasheet HTML 17Page - STMicroelectronics STGW80H65DFB Datasheet HTML 18Page - STMicroelectronics STGW80H65DFB Datasheet HTML 19Page - STMicroelectronics STGW80H65DFB Datasheet HTML 20Page - STMicroelectronics STGW80H65DFB Datasheet HTML 21Page - STMicroelectronics STGW80H65DFB Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
DocID024366 Rev 6
21/22
STGY80H65DFB, STGW80H65DFB, STGWA80H65DFB, STGWT80H65DFB
Revision history
22
5
Revision history
Table 12. Document revision history
Date
Revision
Changes
12-Mar-2013
1
Initial release.
18-Sep-2013
2
Document status promoted from preliminary to production data.
Added Section 2.1: Electrical characteristics (curves)
20-Nov-2013
3
Added device in Max247.
Modified Table 1 accordingly.
Updated Section 4: Package information.
Minor text changes in cover page.
24-Jan-2014
4
Updated title and description in cover page.
Updated Table 6: IGBT switching characteristics (inductive load),
Table 7: Diode switching characteristics (inductive load), Figure 9:
Forward bias safe operating area and Figure 14: Switching loss vs.
temperature.
13-Jun-2014
5
Updated Figure 5: Collector current vs. case temperature, Figure 6:
Power dissipation vs. case temperature, Figure 18: Switching times
vs. collector current, Figure 19: Switching times vs. gate resistance
and Figure 24: Capacitance variations.
Added Figure 25: Collector current vs. switching frequency.
Updated Section 4: Package information.
07-May-2015
6
Added TO-247 long leads package information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com