Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL30P3LLH6 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STL30P3LLH6
Description  High avalanche ruggedness
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL30P3LLH6 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STL30P3LLH6 Datasheet HTML 7Page - STMicroelectronics STL30P3LLH6 Datasheet HTML 8Page - STMicroelectronics STL30P3LLH6 Datasheet HTML 9Page - STMicroelectronics STL30P3LLH6 Datasheet HTML 10Page - STMicroelectronics STL30P3LLH6 Datasheet HTML 11Page - STMicroelectronics STL30P3LLH6 Datasheet HTML 12Page - STMicroelectronics STL30P3LLH6 Datasheet HTML 13Page - STMicroelectronics STL30P3LLH6 Datasheet HTML 14Page - STMicroelectronics STL30P3LLH6 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Revision history
STL30P3LLH6
14/15
DocID023669 Rev 3
6
Revision history
Table 9. Document revision history
Date
Revision
Changes
20-Mar-2013
1
First release.
28-Nov-2013
2
– Modified: title
– Modified: I
D
, P
TOT
values and
Figure 1 in cover page
– Modified: V
GS
, I
D
(at T
pcb
=125 °C and T
pcb
=100 °C), I
DM
, P
TOT
(at
T
c
=25 °C and T
pcb
=25 °C) and T
stg
in
Table 2
– Modified: R
thj-pcb
value in
Table 3
– Modified: I
GSS
(V
GS
- test condition) value and I
D
(for R
DS(on)
) in
Table 4
– Modified: Q
g
value in
Table 5
– Modified: I
D
value in
Table 6
– Modified: I
SD
and I
SDM
in
Table 7
– Added:
Section 2.1: Electrical characteristics (curves)
– Minor text changes
08-Jan-2014
3
– Modified: T
j
value in
Table 2
– Modified:
Figure 6
– Updated:
Section 4: Package mechanical data
– Minor text changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com