Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL30P3LLH6 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STL30P3LLH6
Description  High avalanche ruggedness
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL30P3LLH6 Datasheet(HTML) 5 Page - STMicroelectronics

  STL30P3LLH6 Datasheet HTML 1Page - STMicroelectronics STL30P3LLH6 Datasheet HTML 2Page - STMicroelectronics STL30P3LLH6 Datasheet HTML 3Page - STMicroelectronics STL30P3LLH6 Datasheet HTML 4Page - STMicroelectronics STL30P3LLH6 Datasheet HTML 5Page - STMicroelectronics STL30P3LLH6 Datasheet HTML 6Page - STMicroelectronics STL30P3LLH6 Datasheet HTML 7Page - STMicroelectronics STL30P3LLH6 Datasheet HTML 8Page - STMicroelectronics STL30P3LLH6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DocID023669 Rev 3
5/15
STL30P3LLH6
Electrical characteristics
Note:
For the P-channel Power MOSFETs the actual polarity of the voltages and the current must
be reversed.
Table 7. Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
I
SD
Source-drain current
-
9
A
I
SDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current (pulsed)
-
36
A
V
SD
(2)
2.
Pulsed: pulse duration = 300 μs, duty cycle 1.5%
Forward on voltage
I
SD
= 4.5 A, V
GS
= 0
-
1.1
V
t
rr
Reverse recovery time
I
SD
= 4.5 A, di/dt = 100 A/μs
V
DD
= 16 V, T
j
=150 °C
-15
ns
Q
rr
Reverse recovery charge
-
6.5
nC
I
RRM
Reverse recovery current
-
0.9
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com