Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM16C010 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PCM16C010
Description  Configurable PC Card Interface Chip
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PCM16C010 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button PCM16C010 Datasheet HTML 9Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 10Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 11Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 12Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 13Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 14Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 15Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 16Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
50 Functional Description (Continued)
PCM16C010 shall not assert the STSCHG
signal If the
PCM16C010 is not operated as an IO interface this field is
undefined and should be ignored
IOis8
When the host can only provide IO cycles with an
8-bit D0 – D7 path the host shall set this bit to a one (1) The
card is guaranteed that accesses to 16-bit registers will oc-
cur as two byte accesses rather than a single 16-bit access
This information is useful when 16-bit and 8-bit registers
overlap
Audio
Sampling of the signal SPK
IN and control of
SPKR
is accomplished using the Audio bit SPKR
will
equate to SPK
IN anytime either of the Audio bits is set to
one (1) and the function is configured
PwrDn
When the host sets this field to one (1) the
PCM16C010 shall set the given function to a power-down
state by de-asserting the PCNTL signal for that function
While this field is a one (1) the host shall not access the
function on the PC Card The host shall return this field to
zero (0) before attempting to access the function The sys-
tem shall not place the card into a power-down state while
the card’s RDYBSY
line is in the low (Busy) state All
inputoutput
signals
particular
to
the
function
are
TRI-STATE
Intr
If the function is requesting interrupt servicing (CINT
asserted) the PCM16C010 shall set this field to one (1)
The PCM16C010 shall reset this field to zero (0) when the
interrupt request has been serviced (CINT de-asserted)
IntrReset
If IntrReset is set to zero (0) Intr shall be set to
one (1) when an interrupt condition occurs and shall be re-
set to zero (0) when the interrupt condition has been serv-
iced A write to the Intr bit will do nothing If IntrReset is set
to one (1) Intr shall be set to one (1) when an interrupt
condition occurs (CINT pin) and be cleared to a zero (0)
when the interrupt (CINT pin) is serviced however a write
of value zero (0) to the FCSR’s Intr bit where IntrReset is set
to one (1) shall cause the PCM16C010 to evaluate the CINT
signal and generate another interrupt to the system if an
interrupt is pending Note that the write of zero (0) to
FCSR’s Intr bit where IntrReset is set to one (1) is an indica-
tion to the PCM16C010 that it must evaluate CINT and gen-
erate a specified pulse to the system on the IREQ line This
protocol will work in either pulse or level mode (state of
aliased LevIREQ controlling IREQ
PC Card signal mode)
Functions operate by asserting their CINT signal when an
interrupt condition occurs If interrupts are enabled for a giv-
en function then that function’s CINT pin when asserted
may generate an interrupt within the PCM16C010
If other interrupts are pending the internal line remains as-
serted (and hence IREQ ) Since the standard PC compati-
ble interrupt controller requires a positive edge to trigger an
interrupt system software based on using the IntrReset pro-
tocol for the PCM16C010 may write a zero (0) to the Intr bit
where IntrReset is set to one (1) after EOI processing is
done This will cause the PCM16C010 to generate a pulse
on the IREQ
line if CINT is still asserted In other words if
the internal line is still asserted at this point If in pulse
mode this is a single pulse that goes high-low-high with at
least 05 ms low time If in level mode this pulse is a low-
high-low pulse to trigger the interrupt controller and then
remain low (IREQ
asserted) and be maintained low by the
level mode interrupt This protocol solves both the need for
two positive edges during level mode interrupts when an
interrupt occurs during an interrupt in-service and solves the
need for separate-distinct pulse interrupts that do not over-
lap during two interrupt events close in time
Function Pin Replacement Register
0x1024
This PC Card register replaces the signals missing from a
PC Card Memory Card interface due to using the PC Card
IO interface
D7
D6
D5
D4
D3
D2
D1
D0
CBVD1 CBVD2 CRdyBsy CWProt RBVD1 RBVD2 RRdyBsy RWProt
CBVD1CBVD2
These bits are not implemented
CRdyBsy
This bit is set to one (1) when RRdyBsy bit
changes state The value of 02h must be written to the Pin
Replacement Registers in order to clear the CRdyBsy bit
CWProt
This bit is not implemented
RBVD1RBVD2RRdyBsyRWProt
Only
RRdyBsy
is
implemented This bit reflects the state of the function’s
READY input pin on the PCM16C010
Function IO Event Register
0x1028
D7–D5
D4
D3–D1
D0
Reserved
RIEvt
Reserved
RIENAB
RIEvt
PCM16C010 latches a one (1) to the Card IO
Event Register’s RIEvt bit when RI
IN
pin is asserted
provided the RIEnab bit is set The value of 10h must be
written to the IO Event Register in order to clear the RIEvt
bit (D4)
RIEnab
When this bit is set to a one (1) a latched value of
one (1) on the RIEvt bit shall cause the Changed bit in the
Function’s Configuration Status Register to be set to a one
(1)
Function Base Address Register
0x102A-0x102C
The base address for the function is comprised of 4 bytes
(13 bits implemented) that specify the base IO address
from which to begin decoding for chip selection of a particu-
lar function
Base A Register
D7–D0
Byte 0 (Base Address bits 7–0) of 13-bit Address
This register comprises the low 8 bits of the base address
for the Function IO decode selection
http
www nationalcom
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com