Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM16C010 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PCM16C010
Description  Configurable PC Card Interface Chip
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PCM16C010 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button PCM16C010 Datasheet HTML 17Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 18Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 19Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 20Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 21Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 22Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 23Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 24Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)
b
05V to 70V
DC Input Current (IIK)
VI eb05V
b
20 mA
VI e VCC a05V
a
20 mA
DC Input Voltage (VI)
b
05V to VCC a05V
DC Output Current (IOK)
VI eb05V
b
20 mA
VI e VCC a05V
a
20 mA
DC Output Voltage (VO)
VI eb05V
b
05V to VCC a05V
VI e VCC a05V
DC Output Source
or Sink Current (IO)
g
12 mA
DC VCC or GND Current
output pin (ICC or IGND)
g
6mA
Storage Temperature (TSTG)
b
65 Cto a150 C
Junction Temperature (TJ)
140 C
Note 1
Absolute maximum ratings are values beyond which the device may
be damaged or have its useful life impaired The databook specifications
should be met without exception to ensure that the system design is reli-
able over its power supply temperature and outputinput loading variables
National does not recommend operation outside these specifications
Recommended Operating
Conditions
Supply Voltage (50V VCC)
475V to 525V
Supply Voltage (33V VCC)
300V to 360V
DC Input Voltage (VI)
00V to VCC
DC Output Voltage (VO)
00V to VCC
Operating Temperature (TA)0 Cto a70 C
Minimum Input Edge Rate (dvdt)
125 mVns
Reliability Requirements
Parameter
Conditions
Specification
Electro-Static Discharge
MIL-STD 883
2000V minimum
Latch-Up
MIL-STD 883
l g
500 mA
DC Electrical Characteristics
Symbol
Parameter
VCC
TA e 0 Cto a70 C
Units
Conditions
Min
Max
VIH
Minimum High Input
525V
24
V
Voltage
36V
20
VIL
Maximum Low Input
475V
08
V
Voltage
30V
08
VOH
Minimum High
475V
09 VCC
V
IOH eb150 mA
Output Voltage
30V
VCC b 02
475V
28
V
IOH eb6mA
30V
24
(6 mA Outputs)
VOL
Maximum Low
475V
01 VCC
V
IOL e 700 mA
Output Voltage
30V
02
475V
04
V
IOL e 6mA
30V
05
(6 mA Outputs)
IIN
Maximum Input
Leakage Current
Std Input
IIH
525V
a
10
m
AVI e VCC GND
IIL
b
10
Input w100k pullup
IIH
525V
a
10
m
AVI e VCC GND
IIL
b
50
Input w100k pulldown
IIH
525V
a
50
m
AVI e VCC GND
IIL
b
10
http
www nationalcom
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com