Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL42PLLF6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL42PLLF6
Description  P-channel -60 V, 23 mΩ typ., -42 A STripFET™ F6 Power MOSFET in a PowerFLAT™ 5x6 package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL42PLLF6 Datasheet(HTML) 1 Page - STMicroelectronics

  STL42PLLF6 Datasheet HTML 1Page - STMicroelectronics STL42PLLF6 Datasheet HTML 2Page - STMicroelectronics STL42PLLF6 Datasheet HTML 3Page - STMicroelectronics STL42PLLF6 Datasheet HTML 4Page - STMicroelectronics STL42PLLF6 Datasheet HTML 5Page - STMicroelectronics STL42PLLF6 Datasheet HTML 6Page - STMicroelectronics STL42PLLF6 Datasheet HTML 7Page - STMicroelectronics STL42PLLF6 Datasheet HTML 8Page - STMicroelectronics STL42PLLF6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
November 2016
DocID025457 Rev 4
1/16
This is information on a product in full production.
www.st.com
STL42P6LLF6
P-channel -
60 V, 23 mΩ typ., -42 A STripFET™ F6
Power MOSFET in a
PowerFLAT™ 5x6 package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
STL42P6LLF6
-60 V
26 mΩ
-42 A
Very low on-resistance
Very low gate charge
High avalanche ruggedness
Low gate drive power loss
Applications
Switching applications
Description
This device is a P-channel Power MOSFET
developed using the STripFET™ F6 technology,
with a new trench gate structure. The resulting
Power MOSFET exhibits very low RDS(on) in all
packages.
Table 1: Device summary
Order code
Marking
Package
Packaging
STL42P6LLF6
42P6LLF6
PowerFLAT™ 5x6
Tape and reel


Similar Part No. - STL42PLLF6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL42P4LLF6 STMICROELECTRONICS-STL42P4LLF6 Datasheet
451Kb / 14P
P-channel 40 V, 0.0155 Ω typ.,42 A, STripFET™ F6 Power MOSFET in a PowerFLAT™ 5x6 package
March 2015 Rev 2
STL42P6LLF6 STMICROELECTRONICS-STL42P6LLF6 Datasheet
471Kb / 14P
High avalanche ruggedness
24-Feb-2015
logo
Inchange Semiconductor ...
STL42P6LLF6 ISC-STL42P6LLF6 Datasheet
376Kb / 3P
isc P-Channel MOSFET Transistor
2023-9-6
More results

Similar Description - STL42PLLF6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL42P4LLF6 STMICROELECTRONICS-STL42P4LLF6 Datasheet
451Kb / 14P
P-channel 40 V, 0.0155 Ω typ.,42 A, STripFET™ F6 Power MOSFET in a PowerFLAT™ 5x6 package
March 2015 Rev 2
STL60P4LLF6 STMICROELECTRONICS-STL60P4LLF6 Datasheet
886Kb / 14P
P-channel 40 V, 0.0115 Ω typ.,60 A STripFET™ F6 Power MOSFET in a PowerFLAT™ 5x6 package
December 2014 Rev 2
STL45N10F7AG STMICROELECTRONICS-STL45N10F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 100 V, 20 mΩ typ., 18 A, STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
16-Feb-2017
STL36DN6F7 STMICROELECTRONICS-STL36DN6F7 Datasheet
760Kb / 16P
Dual N-channel 60 V, 23 mΩ typ., 33 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 double island package
10-May-2017
STL105N4LF7AG STMICROELECTRONICS-STL105N4LF7AG Datasheet
936Kb / 15P
Automotive-grade N-channel 40 V, 3.0 mΩ typ., 105 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
18-Jan-2018
STL200N45LF7 STMICROELECTRONICS-STL200N45LF7 Datasheet
892Kb / 14P
N-channel 45 V, 1.4 mΩ typ., 120 A STripFET ™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
10-Jun-2016
STL220NS6F7 STMICROELECTRONICS-STL220NS6F7 Datasheet
706Kb / 13P
N-channel 60 V, 1.4 mΩ typ., 250 A STripFET™ F7 Power MOSFET plus monolithic Schottky in a PowerFLAT™ 5x6
20-Aug-2015
STL50N6F7 STMICROELECTRONICS-STL50N6F7 Datasheet
866Kb / 14P
N-channel 60 V, 9 mΩ typ., 60 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
12-Nov-2015
STL8N6LF3 STMICROELECTRONICS-STL8N6LF3 Datasheet
976Kb / 15P
Automotive-grade N-channel 60 V, 22.5 mΩ typ., 7.8 A STripFET™ F3 Power MOSFET in a PowerFLAT™ 5x6 package
11-May-2017
STL90N6F7 STMICROELECTRONICS-STL90N6F7_V01 Datasheet
505Kb / 14P
N-channel 60 V, 4.6 mΩ typ., 90 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
24-Jan-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com