Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL42PLLF6 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STL42PLLF6
Description  P-channel -60 V, 23 mΩ typ., -42 A STripFET™ F6 Power MOSFET in a PowerFLAT™ 5x6 package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL42PLLF6 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STL42PLLF6 Datasheet HTML 8Page - STMicroelectronics STL42PLLF6 Datasheet HTML 9Page - STMicroelectronics STL42PLLF6 Datasheet HTML 10Page - STMicroelectronics STL42PLLF6 Datasheet HTML 11Page - STMicroelectronics STL42PLLF6 Datasheet HTML 12Page - STMicroelectronics STL42PLLF6 Datasheet HTML 13Page - STMicroelectronics STL42PLLF6 Datasheet HTML 14Page - STMicroelectronics STL42PLLF6 Datasheet HTML 15Page - STMicroelectronics STL42PLLF6 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
STL42P6LLF6
Revision history
DocID025457 Rev 4
15/16
5
Revision history
Table 9: Document revision history
Date
Revision
Changes
28-Oct-2013
1
First release.
25-Aug-2014
2
Modified: Figure 1: "Internal schematic diagram"
Updated: Section 10: "Package mechanical data"
Minor text changes
24-Feb-2015
3
In title description on cover page, changed 0.02 Ω to 0.023 Ω
In features table on cover page, changed 0.028 Ω to 0.026 Ω
Updated Table 2: Absolute maximum ratings
Updated Table 4: Static
– renamed table and updated Static drain-
source on-resistance values
Updated Table 5: Dynamic
– test conditions and all typical values
Updated Table 6: Switching times
– test conditions and all typical
values
Updated Table 7: Source-drain diode
– test conditions and all typical
values
Added Section 2.2: Electrical characteristics (curves)
Updated Section 4: Package mechanical data
Minor text changes
15-Nov-2016
4
Updated title, features table and description on cover page
Updated Table 2: "Absolute maximum ratings"
Updated Table 4: "Static", Table 5: "Dynamic", Table 6: "Switching
times" and Table 7: "Source drain diode"
Updated Figure 9: "Normalized on-resistance vs. temperature"
Updated
Section 4.1: "PowerFLAT™ 5x6 type R package information"
Minor text changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com