Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL260N3LLH6 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STL260N3LLH6
Description  Very low gate charge
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL260N3LLH6 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STL260N3LLH6 Datasheet HTML 3Page - STMicroelectronics STL260N3LLH6 Datasheet HTML 4Page - STMicroelectronics STL260N3LLH6 Datasheet HTML 5Page - STMicroelectronics STL260N3LLH6 Datasheet HTML 6Page - STMicroelectronics STL260N3LLH6 Datasheet HTML 7Page - STMicroelectronics STL260N3LLH6 Datasheet HTML 8Page - STMicroelectronics STL260N3LLH6 Datasheet HTML 9Page - STMicroelectronics STL260N3LLH6 Datasheet HTML 10Page - STMicroelectronics STL260N3LLH6 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DocID026659 Rev 2
7/15
STL260N3LLH6
Electrical characteristics
15
Figure 8. Gate charge vs gate-source voltage
Figure 9. Capacitance variations
Figure 10. Normalized gate threshold voltage vs
temperature
Figure 11. Normalized on-resistance vs
temperature
Figure 12. Source-drain diode forward
characteristics
VGS
6
4
2
0
0
20
Qg(nC)
(V)
80
8
40
60
10
VDD=15V
ID=45A
100
12
120
AM08604v1
C
1000
0
0
10
VDS(V)
(pF)
5
20
Ciss
Coss
Crss
2000
3000
4000
5000
6000
7000
8000
9000
15
25
30
AM08605v1
VGS(th)
0.8
0.6
0.4
0.2
-75
TJ(°C)
(norm)
-25
1.0
75
25
125
175
1.2
AM08606v1
RDS(on)
1.2
0.8
0.4
-75
TJ(°C)
(norm)
-25
75
25
125
175
0.6
1.0
1.4
1.6
1.8
AM08607v1
VSD
0
20
ISD(A)
(V)
10
30 35
0.3
0.4
0.5
0.6
0.7
0.8
0.9
25
15
5
TJ=-55°C
TJ=25°C
TJ=175°C
40
AM08608v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com