Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL260N3LLH6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STL260N3LLH6
Description  Very low gate charge
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL260N3LLH6 Datasheet(HTML) 4 Page - STMicroelectronics

  STL260N3LLH6 Datasheet HTML 1Page - STMicroelectronics STL260N3LLH6 Datasheet HTML 2Page - STMicroelectronics STL260N3LLH6 Datasheet HTML 3Page - STMicroelectronics STL260N3LLH6 Datasheet HTML 4Page - STMicroelectronics STL260N3LLH6 Datasheet HTML 5Page - STMicroelectronics STL260N3LLH6 Datasheet HTML 6Page - STMicroelectronics STL260N3LLH6 Datasheet HTML 7Page - STMicroelectronics STL260N3LLH6 Datasheet HTML 8Page - STMicroelectronics STL260N3LLH6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical characteristics
STL260N3LLH6
4/15
DocID026659 Rev 2
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified).
Table 4. On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
VGS= 0, ID = 250 µA
30
V
IDSS
Zero gate voltage drain
current
VGS = 0, VDS = 30 V
1
µA
VDS = 30 V at TC = 125 °C
10
µA
IGSS
Gate body leakage current
VDS = 0, VGS = ±20 V
±
100
nA
VGS(th)
Gate threshold voltage
VDS= VGS, ID = 250 µA
1
V
RDS(on)
Static drain-source
on- resistance
VGS= 10 V, ID= 22.5 A
0.0011
0.0013
Ω
VGS= 4.5 V, ID= 22.5 A
0.0016
0.0020
Ω
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VGS=0, VDS = 25 V,
f=1 MHz
-6375
-
pF
Coss
Output capacitance
-
1230
-
pF
Crss
Reverse transfer
capacitance
-675
-
pF
Qg
Total gate charge
VDD=15 V, ID = 45 A
VGS =4.5 V
(see Figure 14)
-
61.5
-
nC
Qgs
Gate-source charge
-
20
nC
Qgd
Gate-drain charge
-
24
nC
Rg
Gate input resistance
f = 1 MHz, gate DC
Bias = 0,
test signal level = 20 mV,
ID = 0
-1.4
-
Ω
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD=15 V, ID= 22.5 A,
RG=4.7 Ω, VGS=10 V
(see Figure 13)
-22.5
-
ns
tr
Rise time
-
32
-
ns
td(off)
Turn-off delay time
-
107.5
-
ns
tf
Fall time
-
54
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com