Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6524 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM6524
Description  Integrated test mode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6524 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM6524 Datasheet HTML 16Page - STMicroelectronics STM6524 Datasheet HTML 17Page - STMicroelectronics STM6524 Datasheet HTML 18Page - STMicroelectronics STM6524 Datasheet HTML 19Page - STMicroelectronics STM6524 Datasheet HTML 20Page - STMicroelectronics STM6524 Datasheet HTML 21Page - STMicroelectronics STM6524 Datasheet HTML 22Page - STMicroelectronics STM6524 Datasheet HTML 23Page - STMicroelectronics STM6524 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Package information
STM6524
20/24
Doc ID 022335 Rev 3
Figure 15.
Carrier tape for UDFN6 1.6 x 1.3 x 0.55 mm
1.
Measured from centreline of sprocket hole to centreline of pocket.
2.
Cumulative tolerance of 10 sprocket holes is ± 0.20.
3.
Measured from centreline of sprocket hole to centreline of pocket.
4.
Other material available.
5.
Typical SR of formed tape max. 109
Ω/ SQ.
6.
All dimensions in millimeters unless otherwise stated.
Figure 16.
Pin 1 orientation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com