Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6524 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STM6524
Description  Integrated test mode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6524 Datasheet(HTML) 5 Page - STMicroelectronics

  STM6524 Datasheet HTML 1Page - STMicroelectronics STM6524 Datasheet HTML 2Page - STMicroelectronics STM6524 Datasheet HTML 3Page - STMicroelectronics STM6524 Datasheet HTML 4Page - STMicroelectronics STM6524 Datasheet HTML 5Page - STMicroelectronics STM6524 Datasheet HTML 6Page - STMicroelectronics STM6524 Datasheet HTML 7Page - STMicroelectronics STM6524 Datasheet HTML 8Page - STMicroelectronics STM6524 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
STM6524
Description
Doc ID 022335 Rev 3
5/24
1
Description
The Smart Reset™ devices provide a useful feature that ensures inadvertent short reset
push-button closures do not cause system resets. This is done by implementing extended
Smart Reset™ input delay time (tSRC) and combined push-button inputs, which together
ensures a safe reset and eliminates the need for a specific dedicated reset button.
This reset configuration provides versatility and allows the application to distinguish between
a software generated interrupt and a hard system reset. When the input push-buttons are
connected to microcontroller interrupt inputs, and are closed for a short time, the processor
can only be interrupted. If the system still does not respond properly, continuing to keep the
push-buttons closed for the extended setup time tSRC causes a hard reset of the processor
through the reset output.
The STM6524 has two combined delayed Smart Reset™ inputs (SR0, SR1) with preset
delayed Smart Reset™ setup time (tSRC). The reset output is asserted after both of the
Smart Reset™ inputs were held active for the selected tSRC delay time. Depending on
selected option the RST output remains asserted either until at least one SR input goes to
inactive logic level (i.e. neither fixed nor minimum reset pulse width is set) or the output reset
pulse duration is fixed for tREC (i.e. factory-programmed). The reset output, RST, is
active low or active high, push-pull or open drain with optional pull-up resistor. The device
fully operates over a broad VCC range 1.65 V to 5.5 V. Below 1.575 V typ. the inputs are
ignored and outputs are deasserted; the deasserted reset output levels are then valid down
to 1.0 V.
Test mode
After pull of SR0 up to VTEST or more (VCC + 1.4 V, max.) we start counting initial
shorten tSRC-INI (42 ms, typ.). After tSRC-INI expires, the RST output either goes down for
tREC (if tREC option is used) or stays low as long as overvoltage on SR0 in detected (if tREC
option is not used). This is a feedback and a user knows that the device is locked in the test
mode. Each time both SR inputs are connected to ground in test mode a shorten
tSRC-SHORT (21 ms, typ.) is used instead of long tSRC (0.5 s -10 s). Return from to normal
mode is possible by a new startup of the device (i.e. VCC goes to 0 V and back to its original
state). In this way the device can be quickly tested without repeating test mode triggering.
Advantage of this solution is pretty high glitch immunity, feedback to user about entry to the
test mode and testability within full VCC range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com