Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP4CMPQTR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STP4CMPQTR
Description  Low voltage 4-channel constant current LED driver with charge pump
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP4CMPQTR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STP4CMPQTR Datasheet HTML 5Page - STMicroelectronics STP4CMPQTR Datasheet HTML 6Page - STMicroelectronics STP4CMPQTR Datasheet HTML 7Page - STMicroelectronics STP4CMPQTR Datasheet HTML 8Page - STMicroelectronics STP4CMPQTR Datasheet HTML 9Page - STMicroelectronics STP4CMPQTR Datasheet HTML 10Page - STMicroelectronics STP4CMPQTR Datasheet HTML 11Page - STMicroelectronics STP4CMPQTR Datasheet HTML 12Page - STMicroelectronics STP4CMPQTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
STP4CMP
Electrical characteristics
DocID15770 Rev 3
9/24
4
Electrical characteristics
VCC = 3.3 V, VEN = VON1 = VON2 = VON3 = VON4 = VCC, VCP_SEL = VCC, RSET1 = RSET2 = RSET3 =
RSET4 = 649 Ω, C1 = 1 µF, typical values are at TA = 25 °C unless otherwise specified.
Table 7: Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCC
Supply voltage
2.7
5.5
V
Vcp_clamp
Charge pump
clamp voltage
2.7 V ≤ VCC < 3.1 V;
VCP_SEL = VCC; IOUT ≤ 40 mA
5
V
VCC > 3.1 V;
VCP_SEL = VCC; IOUT ≤ 120 mA
5
Tcp_start
Charge pump start-
up time
From CP_SEL low to high transition to
CP reaches steady-state 5 V
10
ms
ILED1,2,3,4
LED sink current for
each channel
Rsetx = 649 Ω at VLEDx= 0.9 V;
VCC > 3.1 V
27.9
30
32.1
mA
Rsetx = 7.87 kΩ at VLEDx= 0.9 V;
VCC ≥ 3.1 V
2.33
2.5
2.68
mA
∆ILED
Output current error
between each
channel
RSET1 = RSET2, RSET3 = RSET4,
TA = 25 °C
±1
±4
%
VIH
High level input
voltage
2.0
V
VIL
Low level input
voltage
0.8
ICC
Supply operating
current
VON1 = VON2 = VON3 = VON4 = GND;
no-load;
VCC = 5.5 V (charge pump
disabled); VCP_SEL = GND,
RSET1 = RSET2 = RSET3 = RSET4 = 7.87 kΩ
3.6
mA
VON1 = VON2 = VON3 = VON4 = GND;
no-load;
VCC = 5.5 V (charge pump
disabled); VCP_SEL = GND,
RSET1 = RSET2 = RSET3 = RSET4= 649 Ω
1.7
VON1 = VON2 = VON3 = VON4 = GND;
no-load;
VCC = 3.3 V (charge pump enabled);
VCP_SEL = VCC,
RSET1 = RSET2 = RSET3 = RSET4= 7.87 kΩ
4.5
VON1 = VON2 = VON3 = VON4 = GND;
no-load;
VCC = 3.3 V (charge pump enabled);
VCP_SEL = VCC,
RSET1 = RSET2 = RSET3 = RSET4 = 649 Ω
17.2
ISHUTDOWN
Supply current
during power-down
VEN = VON1 = VON2 = VEN = VON3 = VON4
=VCP_SEL = 0 V
5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com