Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP4CMPQTR Datasheet(PDF) 12 Page - STMicroelectronics

Part # STP4CMPQTR
Description  Low voltage 4-channel constant current LED driver with charge pump
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP4CMPQTR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STP4CMPQTR Datasheet HTML 8Page - STMicroelectronics STP4CMPQTR Datasheet HTML 9Page - STMicroelectronics STP4CMPQTR Datasheet HTML 10Page - STMicroelectronics STP4CMPQTR Datasheet HTML 11Page - STMicroelectronics STP4CMPQTR Datasheet HTML 12Page - STMicroelectronics STP4CMPQTR Datasheet HTML 13Page - STMicroelectronics STP4CMPQTR Datasheet HTML 14Page - STMicroelectronics STP4CMPQTR Datasheet HTML 15Page - STMicroelectronics STP4CMPQTR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Typical performance characteristics
STP4CMP
12/24
DocID15770 Rev 3
6
Typical performance characteristics
Figure 4: Efficiency vs. VIN, IOUT = 10 mA
Figure 5: Efficiency vs. VIN, IOUT = 60 mA
15
17
19
21
23
25
27
29
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
2.7
3.0
3.2
3.5
3.7
4.0
4.2
4.5
4.7
5.0
5.2
5.5
VIN [V]
EFF
IIN
GIPG260320150908LM
200
210
220
230
240
250
260
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
2.7
3.0
3.2
3.5
3.7
4.0
4.2
4.5
4.7
5.0
5.2
5.5
V IN
[V]
EFF
Iin
GIPG260320150922LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com