Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP7N65M2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP7N65M2
Description  N-channel 650 V, 0.98 Ω typ., 5 A MDmesh™M2 Power MOSFETs in TO-220 and IPAK packages
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP7N65M2 Datasheet(HTML) 1 Page - STMicroelectronics

  STP7N65M2 Datasheet HTML 1Page - STMicroelectronics STP7N65M2 Datasheet HTML 2Page - STMicroelectronics STP7N65M2 Datasheet HTML 3Page - STMicroelectronics STP7N65M2 Datasheet HTML 4Page - STMicroelectronics STP7N65M2 Datasheet HTML 5Page - STMicroelectronics STP7N65M2 Datasheet HTML 6Page - STMicroelectronics STP7N65M2 Datasheet HTML 7Page - STMicroelectronics STP7N65M2 Datasheet HTML 8Page - STMicroelectronics STP7N65M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
May 2015
DocID026788 Rev 3
1/18
This is information on a product in full production.
www.st.com
STP7N65M2, STU7N65M2
N-
channel 650 V, 0.98 Ω typ., 5 A MDmesh™ M2
Power MOSFETs in TO-220 and IPAK packages
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on)
max
ID
STP7N65M2
650 V
1.15 Ω
5 A
STU7N65M2
650 V
1.15 Ω
5 A
Extremely low gate charge
Excellent output capacitance (Coss) profile
100% avalanche tested
Zener-protected
Applications
Switching applications
Description
These devices are N-channel Power MOSFETs
developed using the MDmesh™ M2 technology.
Thanks to the strip layout associated with an
improved vertical structure, the device exhibits
both low on-resistance and optimized switching
characteristics. It is therefore suitable for the
most demanding high efficiency converters.
Table 1: Device summary
Order code
Marking
Package
Packaging
STP7N65M2
7N65M2
TO-220
Tube
STU7N65M2
7N65M2
IPAK
Tube
3
2
1
TAB
IPAK
1
2
3
TAB
TO-220
D(2, TAB)
G(1)
S(3)
AM01476v1_tab


Similar Part No. - STP7N65M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP7N60M2 STMICROELECTRONICS-STP7N60M2 Datasheet
1Mb / 21P
Extremely low gate charge
June 2013 Rev 1
logo
VBsemi Electronics Co.,...
STP7N60M2 VBSEMI-STP7N60M2 Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
logo
Inchange Semiconductor ...
STP7N60M2 ISC-STP7N60M2 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP7N65M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB33N65M2 STMICROELECTRONICS-STB33N65M2 Datasheet
800Kb / 23P
N-channel 650 V, 0.117 Ω typ., 24 A MDmesh™ M2 Power MOSFETs in D²PAK, TO-220FP, TO-220 and I²PAK packages
10-Dec-2014
STP13N65M2 STMICROELECTRONICS-STP13N65M2 Datasheet
551Kb / 16P
N-channel 650 V, 0.37 Ω typ.,10 A MDmesh™ M2 Power MOSFETs in TO-220 and IPAK packages
December 2014 Rev 1
STP16N60M2 STMICROELECTRONICS-STP16N60M2 Datasheet
453Kb / 16P
N-channel 600 V, 0.28 Ω typ., 12 A MDmesh™ M2 Power MOSFET in TO-220 and IPAK packages
March 2015 Rev 1
STP16N65M2 STMICROELECTRONICS-STP16N65M2 Datasheet
824Kb / 16P
N-channel 650 V, 0.32 Ω typ., 11 A MDmesh M2 Power MOSFETs in TO-220 and IPAK packages
October 2014 Rev 1
STP26N60M2 STMICROELECTRONICS-STP26N60M2 Datasheet
804Kb / 16P
N-channel 600 V, 0.14 Ω typ., 20 A MDmesh™ M2 Power MOSFETs in TO-220 and TO-247 packages
March 2017 Rev 2
STB18N60M2 STMICROELECTRONICS-STB18N60M2_V01 Datasheet
861Kb / 27P
N-channel 600 V, 0.255 Ω typ., 13 A MDmesh M2 Power MOSFETs in D2PAK,I2PAK, TO-220 and TO-247 packages
06-Nov-2018
STF34N65M5 STMICROELECTRONICS-STF34N65M5_V01 Datasheet
1Mb / 15P
N-channel 650 V, 0.09 Ω typ., 28 A MDmesh™ V Power MOSFETs in TO-220FP, I2PAKFP, I2PAK packages
14-Jan-2014
STFILED625H STMICROELECTRONICS-STFILED625H Datasheet
1Mb / 17P
N-channel 650 V, 1.7 Ω typ., 4.5 A Power MOSFET in I2PAKFP, TO-220 and IPAK packages
08-Apr-2013
STP3LN80K5 STMICROELECTRONICS-STP3LN80K5 Datasheet
804Kb / 15P
N-channel 800 V, 2.75 Ω typ., 2 A MDmesh™ K5 Power MOSFET in TO-220 and IPAK packages
28-Jun-2016
STP9N80K5 STMICROELECTRONICS-STP9N80K5 Datasheet
795Kb / 16P
N-channel 800 V, 0.73 Ω typ., 7 A MDmesh™ K5 Power MOSFETs in a TO-220 and TO-247 packages
26-Jul-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com