Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP7N65M2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STP7N65M2
Description  N-channel 650 V, 0.98 Ω typ., 5 A MDmesh™M2 Power MOSFETs in TO-220 and IPAK packages
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP7N65M2 Datasheet(HTML) 5 Page - STMicroelectronics

  STP7N65M2 Datasheet HTML 1Page - STMicroelectronics STP7N65M2 Datasheet HTML 2Page - STMicroelectronics STP7N65M2 Datasheet HTML 3Page - STMicroelectronics STP7N65M2 Datasheet HTML 4Page - STMicroelectronics STP7N65M2 Datasheet HTML 5Page - STMicroelectronics STP7N65M2 Datasheet HTML 6Page - STMicroelectronics STP7N65M2 Datasheet HTML 7Page - STMicroelectronics STP7N65M2 Datasheet HTML 8Page - STMicroelectronics STP7N65M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
STP7N65M2, STU7N65M2
Electrical characteristics
DocID026788 Rev 3
5/18
Table 8: Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
5
A
ISDM
(1)
Source-drain current
(pulsed)
-
20
A
VSD
(2)
Forward on voltage
ISD = 5 A, VGS = 0
-
1.6
V
trr
Reverse recovery
time
ISD = 5 A, di/dt = 100 A/µs
VDD = 60 V (see Figure 21:
"Switching time waveform")
-
275
ns
Qrr
Reverse recovery
charge
-
1.62
µC
IRRM
Reverse recovery
current
-
11.8
A
trr
Reverse recovery
time
ISD = 5 A, di/dt = 100 A/µs
VDD = 60 V, Tj = 150 °C
(see Figure 21: "Switching time
waveform")
-
430
ns
Qrr
Reverse recovery
charge
-
2.54
µC
IRRM
Reverse recovery
current
-
11.9
A
Notes:
(1)
Pulse width limited by safe operating area.
(2)
Pulsed: pulse duration = 300 µs, duty cycle 1.5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com