Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP16DPP05 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STP16DPP05
Description  Low voltage 16-bit constant current LED sink driver with output error detection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16DPP05 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STP16DPP05 Datasheet HTML 3Page - STMicroelectronics STP16DPP05 Datasheet HTML 4Page - STMicroelectronics STP16DPP05 Datasheet HTML 5Page - STMicroelectronics STP16DPP05 Datasheet HTML 6Page - STMicroelectronics STP16DPP05 Datasheet HTML 7Page - STMicroelectronics STP16DPP05 Datasheet HTML 8Page - STMicroelectronics STP16DPP05 Datasheet HTML 9Page - STMicroelectronics STP16DPP05 Datasheet HTML 10Page - STMicroelectronics STP16DPP05 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
STP16DPP05
Electrical characteristics
DocID16518 Rev 4
7/34
VDD = 3.3 V to 5 V, TA = 25 °C, unless otherwise specified.
Table 8: Switching characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tPLH1
Propagation delay time,
CLK- OUTn , LE/DM1 = H,
OE/DM2
= L
VIH = VDD
VIL = GND
CL = 10 pF
IO = 20 mA
VL = 3.0 V
Rext
= 1 KΩ
RL
= 60 Ω
VDD = 3.3 V
35.5
44.5
VDD = 5 V
18.5
24
ns
tPLH2
Propagation delay time,
LE/DM1 - OUTn ,
OE/DM2
= L
VDD = 3.3 V
41.5
50
VDD = 5 V
23
29
ns
tPLH3
Propagation delay time,
OE/DM2 - OUTn ,
LE = H
VDD = 3.3 V
45
54
VDD = 5 V
25
31
ns
tPLH
Propagation delay time,
CLK-SDO
VDD = 3.3 V
15
21
31
VDD = 5 V
11
15
21
ns
tPHL1
Propagation delay time,
CLK- OUTn , LE/DM1 = H,
OE/DM2
= L
VDD = 3.3 V
13.7
18
VDD = 5 V
8.8
12.5
ns
tPHL2
Propagation delay time,
LE/DM1 - OUTn
OE/DM2
= L
VDD = 3.3 V
17
22
VDD = 5 V
13
17
ns
tPHL3
Propagation delay time,
OE/DM2 - OUTn ,
LE/DM1 = H
VDD = 3.3 V
12.7
17
VDD = 5 V
9.5
13
ns
tPHL
Propagation delay time,
CLK-SDO
VDD = 3.3 V
17.5
24
36
VDD = 5 V
12.5
17
25
ns
tON
Output rise time 10~90% of
voltage waveform
VDD = 3.3 V
28
39
VDD = 5 V
17
23
ns
tOFF
Output fall time 90~10% of
voltage waveform
VDD = 3.3 V
4.5
6
VDD = 5 V
3.5
5
ns
tr
CLK rise time (1)
5000
ns
tf
CLK fall time (1)
5000
ns
Notes:
(1) In order to achieve high cascade data transfer, please consider tr/tf timings carefully.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com