Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP16DPP05 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STP16DPP05
Description  Low voltage 16-bit constant current LED sink driver with output error detection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16DPP05 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STP16DPP05 Datasheet HTML 23Page - STMicroelectronics STP16DPP05 Datasheet HTML 24Page - STMicroelectronics STP16DPP05 Datasheet HTML 25Page - STMicroelectronics STP16DPP05 Datasheet HTML 26Page - STMicroelectronics STP16DPP05 Datasheet HTML 27Page - STMicroelectronics STP16DPP05 Datasheet HTML 28Page - STMicroelectronics STP16DPP05 Datasheet HTML 29Page - STMicroelectronics STP16DPP05 Datasheet HTML 30Page - STMicroelectronics STP16DPP05 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
STP16DPP05
Package information
DocID16518 Rev 4
27/34
Table 17: SO-24 mechanical data
Dim.
mm
Min.
Typ.
Max.
A
2.35
2.65
A1
0.10
0.30
B
0.33
0.51
C
0.23
0.32
D
15.20
15.60
E
7.40
7.60
e
1.27
H
10.00
10.65
h
0.25
0.75
L
0.40
1.27
k
0
8
ddd
0.10
8.3
TSSOP24 package information
Figure 25: TSSOP24 package outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com